Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3747B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3747B
Description  155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3747B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3747B_12 Datasheet HTML 1Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 2Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 3Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 4Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 5Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 6Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 7Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 8Page - Maxim Integrated Products MAX3747B_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MAX3747A/MAX3747B
155Mbps to 3.2Gbps, Low-Power SFP
Limiting Amplifiers
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V, CML output load is 50Ω to VCC, TA = -40°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C,
unless otherwise specified.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) .................................-0.5V to +4.5V
Voltage at IN+, IN- ..........................(VCC - 2.4V) to (VCC + 0.5V)
Voltage at DISABLE, LOS, TH, VREF ..........-0.5V to (VCC + 0.5V)
Current into LOS ...................................................-1mA to +9mA
Current into VREF ..................................................................2mA
Differential Input Voltage (IN+ - IN-) .....................................2.5V
Continuous Current at CML Outputs
(OUT+, OUT-) ..............................................-25mA to +25mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 6.9mW/°C above +70°C) ...........552mW
Operating Junction Temperature Range (TJ) .......-55°C to +150°C
Storage Ambient Temperature Range (TS)...........-55°C to +150°C
Lead Temperature (soldering, 10s)......................................+300°C
Soldering Temperature (reflow)............................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
MAX3747A including the CML output current
36
41
MAX3747B including the CML output current
38
43
MAX3747A excluding the CML output
current
18
24
Supply Current (Note 2)
ICC
MAX3747B excluding the CML output
current
20
26
mA
Power-Supply Noise Rejection
PSNR
f < 2MHz
30
dB
INPUT SPECIFICATION
Input Sensitivity
VIN-MIN
(Note 3)
4
mVP-P
Input Overload
VIN-MAX
(Note 3)
1200
mVP-P
OUTPUT SPECIFICATION
Output Resistance
ROUT
(Note 4)
42
50
58
Differential Output Return Loss
DUT is powered on, f < 3GHz
15
dB
CML Differential Output Voltage
MAX3747A/MAX3747B
4mVP-P ≤ VIN ≤ 1200mVP-P
600
800
1000
mVP-P
Differential Output Signal When
Disabled
AC-coupled outputs, VIN-MAX applied to the
input (Note 4)
15
mVP-P
Data-Output Transition Time
20% to 80% (Note 4)
70
120
ps
TRANSFER CHARACTERISTIC
K28.5 pattern at 3.2Gbps
13.2
19
PRBS 223 - 1 equivalent pattern at 2.7Gbps
(Note 6)
14
25
K28.5 pattern at 2.1Gbps
12
17
Deterministic Jitter (Notes 4, 5)
DJ
PRBS 223 - 1 equivalent pattern at 155Mbps
(Note 6)
85
150
psP-P
Random Jitter
VIN = 4mVP-P (Notes 4, 7)
3.5
5
psRMS


Similar Part No. - MAX3747B_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3747BEUB MAXIM-MAX3747BEUB Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747BEUB++ MAXIM-MAX3747BEUB+ Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
More results

Similar Description - MAX3747B_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747 MAXIM-MAX3747 Datasheet
360Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04
MAX3748 MAXIM-MAX3748 Datasheet
414Kb / 11P
   Compact 155Mbps to 3.2Gbps Limiting Amplifier
19-2717; Rev 1; 7/03
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
logo
Taiwan Memory Technolog...
I7330 TMT-I7330 Datasheet
109Kb / 1P
   i7330 155Mbps to 4Gbps Low-Power Limiting Amplifier
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com