Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP86216 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP86216
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86216 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP86216 Datasheet HTML 2Page - Sony Corporation CXP86216 Datasheet HTML 3Page - Sony Corporation CXP86216 Datasheet HTML 4Page - Sony Corporation CXP86216 Datasheet HTML 5Page - Sony Corporation CXP86216 Datasheet HTML 6Page - Sony Corporation CXP86216 Datasheet HTML 7Page - Sony Corporation CXP86216 Datasheet HTML 8Page - Sony Corporation CXP86216 Datasheet HTML 9Page - Sony Corporation CXP86216 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
– 6 –
CXP86212/86216, CXP86324/86332, CXP86440/86448/86460
(Port A)
8-bit I/O port.
I/O can be set in a
unit of single bits.
(8 pins)
(Port B)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port C)
Lower 6 bits are I/O ports; I/O can be set in a unit of single bits. Upper
2 bits are output port and large current (12mA) N-channel open drain
output. Upper 2 bits are medium drive voltage (12V); lower 6 bits are
5V drive.
(8 pins)
(Port D)
8-bit I/O port. I/O
can be set in a
unit of single bits.
Can drive 12mA
synk current.
(8 pins)
(Port E)
Bits 0 and 1 are I/O
port; I/O can be set
in a unit of single.
Bits 2 and 3 are
input port. Bits 4, 5
and 6 are output
port.
(7 pins)
Pin Description
Symbol
PA0/AN0
to
PA5/AN5
PA6/VSYNC
PA7/HSYNC
PB0 to PB7
PC0 to PC5
PC6/PWM6 to
PC7/PWM7
PD0/INT2
PD1/SCK
PD2/SO
PD3/SI
PD4/HS0
PD5/HS1
PD6/RMC
PD7/EC
PE0/TO/ADJ
PE1/PWM
PE2/TEX/INT0
PE3/TX
PE4/YM
PE5/YS
PE6/I
B
G
R
I/O/
Analog input
I/O/Input
I/O/Input
I/O
I/O
Output/Output
I/O/Input
I/O/I/O
I/O/Output
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Output/
Output
I/O/Output
Input/Input/
Input
Input/Output
Output/Output
Output/Output
Output/Output
Output
Output
Output
I/O
Description
Analog inputs to A/D converter.
(6 pins)
OSD display vertical sync signal input.
OSD display horizontal sync signal input.
8-bit PWM output.
(2 pins)
External interruption request input. Active at the
falling edge.
Serial clock I/O.
Serial data output.
Serial data input.
HSYNC counter (CH0) input.
HSYNC counter (CH1) input.
Remote control reception circuit input.
External event input for timer/counter.
Rectangular wave output
for 8-bit timer/counter.
14-bit PWM output.
Connects a crystal for
32kHz timer/counter
clock oscillation. When
used as an event
counter, input to TEX pin and leave TX pin open.
32kHz oscillation
frequency dividing output.
External interruption
request input. Active at
the falling edge.
OSD display 6-bit output.
(6 pins)


Similar Part No. - CXP86216

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86213 SONY-CXP86213 Datasheet
240Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
CXP86217 SONY-CXP86217 Datasheet
240Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP86216

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com