Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4376TAUK Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4376TAUK
Description  Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4376TAUK Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4376TAUK_12 Datasheet HTML 3Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 4Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 5Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 6Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 7Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 8Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 9Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 10Page - Maxim Integrated Products MAX4376TAUK_12 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MAX4376/MAX4377/MAX4378
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
8
Maxim Integrated
RSENSE
VSOURCE
0 TO +28V
+3V TO +28V
RGD
VOUT
IRG1
IRGD
ILOAD
RG1
RG2
RS-
RS+
OUT
GND
TO LOAD BATTERY
VCC
CURRENT
MIRROR
A1
MAX4376
AV = 2, 5,
OR 10
OUT
Figure 1. Functional Diagram
RSENSE
+3V TO +28V
VCC
BATTERY
MAX4377
SYSTEM
AND
CHARGER
OUT2
RS1+
RS1-
OUT1
RS2-
RS2+
Figure 2. Bidirectional Current Monitor
FULL-SCALE LOAD
CURRENT, ILOAD (A)
CURRENT-SENSE
RESISTOR, RSENSE (m
Ω)
GAIN (+V/V)
FULL-SCALE OUTPUT VOLTAGE
(FULL-SCALE VSENSE = 100mV),
VOUT (V)
0.1
1000
20
2.0
50
5.0
100
10.0
1
100
20
2.0
50
5.0
100
10.0
5
20
20
2.0
50
5.0
100
10.0
10
10
20
2.0
50
5.0
100
10.0
Table 1. Recommended Component Values


Similar Part No. - MAX4376TAUK_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376TAUK+T MAXIM-MAX4376TAUK+T Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376TAUK+T MAXIM-MAX4376TAUK+T Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4376TAUK-T MAXIM-MAX4376TAUK-T Datasheet
192Kb / 9P
   Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4376TAUK/V+T MAXIM-MAX4376TAUK/V+T Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4376TAUKT MAXIM-MAX4376TAUKT Datasheet
405Kb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
More results

Similar Description - MAX4376TAUK_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376 Datasheet
192Kb / 9P
   Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com