Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4483 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4483
Description  Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4483 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4483_12 Datasheet HTML 1Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 2Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 3Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 4Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 5Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 6Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 7Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 8Page - Maxim Integrated Products MAX4483_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX4480–MAX4483 low-cost, general-purpose op
amps offer rail-to-rail outputs, draw only 50µA of quies-
cent current, and operate from a single +2.5V to +5.5V
supply. For additional power conservation, the
MAX4481 offers a low-power shutdown mode that
reduces supply current to 0.5µA (max) and puts the
amplifier’s output in a high-impedance state. These
devices are unity-gain stable with capacitive loads up
to 400pF. The MAX4480– MAX4483 are specified to
+125°C, making them suitable for use in a variety of
harsh environments, such as automotive applications.
The MAX4480 is a single amplifier offered in a tiny 5-pin
SC70 package. The MAX4481 is a single amplifier with a
low-power shutdown mode that reduces supply current
to < 0.5µA and comes in a 6-pin SC70 package. The
MAX4482 is a dual amplifier and comes in the space-
saving 8-pin SOT23 or µMAX® package. The MAX4483
is a quad amplifier and comes in a 14-pin TSSOP pack-
age. All devices are specified for operation across the
-40°C to +125°C automotive temperature range.
Applications
Single-Supply Zero-Crossing Detectors
Instruments and Terminals
Portable Communications
Electronic Ignition Modules
Infrared Receivers
Sensor Signal Detection
Features
♦ Single +2.5V to +5.5V Supply Voltage Range
♦ 50µA Quiescent Current per Amplifier
♦ 0.5µA (max) Shutdown Mode (MAX4481)
♦ Available in Space-Saving Packages
5-Pin SC70 (MAX4480)
6-Pin SC70 (MAX4481)
8-Pin SOT23 (MAX4482)
♦ 105dB AVOL with 5kΩ Load
♦ 0.005% THD with 100kΩ Load
♦ Rail-to-Rail Output Voltage Swing
♦ 3.0mA of Sink and Source Load Current
♦ Unity-Gain Stable up to CLOAD = 400pF
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
MAX4480–MAX4483
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
IN+
IN-
1
2
3
5
4 OUT
VSS
VDD
++
IN+
IN-
1
2
3
6
5
4 OUT
SHDN
VSS
VDD
MAX4480
MAX4481
SC70-5/SOT23-5
SC70-6/SOT23-6
19-1809; Rev 2; 10/12
Pin Configurations
Selector Guide
MAX4481
1
Yes
MAX4482
2
No
MAX4483
4
No
µMAX is a registered trademark of Maxim Integrated
Products, Inc.
Pin Configurations continued at end of data sheet.
No
1
MAX4480
PART
NO. OF AMPLIFIERS
PER PACKAGE
SHUTDOWN
MODE
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4480AXK+T
-40°C to +125°C
5 SC70
ABU
MAX4480AUK+T
-40°C to +125°C
5 SOT23
ADPJ
MAX4481AXT+T
-40°C to +125°C
6 SC70
AAN
MAX4481AUT+T
-40°C to +125°C
6 SOT23
AAOS
MAX4481MXT/PR2-W
-55°C to +125°C
6 SC70
AEE
MAX4482AKA+T
-40°C to +125°C
8 SOT23
AAEJ
MAX4482ASA+
-40°C to +125°C
8 SO
MAX4482AUA+
-40°C to +125°C
8 μMAX
MAX4483ASD+
-40°C to +125°C
14 SO
MAX4483AUD+
-40°C to +125°C
14 TSSOP
+
Denotes a lead(Pb)-free/RoHS compliant package.
T = Tape and reel.


Similar Part No. - MAX4483_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4483ASD MAXIM-MAX4483ASD Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4483ASD++ MAXIM-MAX4483ASD+ Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4483AUD MAXIM-MAX4483AUD Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4483AUD++ MAXIM-MAX4483AUD+ Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
More results

Similar Description - MAX4483_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com