Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4488 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4488
Description  SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4488 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4488_12 Datasheet HTML 7Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 8Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 9Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 10Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 11Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 12Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 13Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 14Page - Maxim Integrated Products MAX4488_12 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
capacitor placed close to the VDD pin. If operating from
dual supplies, bypass each supply to ground.
Good layout improves performance by decreasing the
amount of stray capacitance and noise at the op amp’s
inputs and output. To decrease stray capacitance, min-
imize PC board trace lengths and resistor leads, and
place external components close to the op amp’s pins.
Typical Application Circuit
The
Typical Application Circuit shows the single
MAX4475 configured as an output buffer for the
MAX5541 16-bit DAC. Because the MAX5541 has an
unbuffered voltage output, the input bias current of the
op amp used must be less than 6nA to maintain 16-bit
accuracy. The MAX4475 has an input bias current of
only 150pA (max), virtually eliminating this as a source
of error. In addition, the MAX4475 has excellent open-
loop gain and common-mode rejection, making this an
excellent ouput buffer amplifier.
DC-Accurate Lowpass Filter
The MAX4475–MAX4478/MAX4488/MAX4489 offer a
unique combination of low noise, wide bandwidth, and
high gain, making them an excellent choice for active
filters up to 1MHz. The
Typical Operating Circuit shows
the dual MAX4477 configured as a 5th order
Chebyschev filter with a cutoff frequency of 100kHz.
The circuit is implemented in the Sallen-Key topology,
making this a DC-accurate filter.
MAX4475–MAX4478/MAX4488/MAX4489
SOT23, Low-Noise, Low-Distortion,
Wide-Band, Rail-to-Rail Op Amps
11
Maxim Integrated
Typical Application Circuit
0 to +2.5V
OUTPUT
SHDN
8
4
CS
SCLK
DIN
2
3
SERIAL
INTERFACE
VDD
DGND
REF
OUT
AGND
+5V
+2.5V
+5V
7
6
U1
MAX5541ESA
U2
MAX
4475AUA
Typical Operating Circuit
1
2
3
4
5
6
7
8
470pF
3.09k
1%
3.83k
1%
13.7k
1%
7.87k
1%
10.0k
1%
10.0k
1%
15.0k
1%
7.15k
1%
10.0k
1%
0.1
µF
220pF
220pF
220pF
220pF
5V
MAX4477
1/2
MAX4477
1/2


Similar Part No. - MAX4488_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4488ASA MAXIM-MAX4488ASA Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4488ASA++ MAXIM-MAX4488ASA+ Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4488ATT+T MAXIM-MAX4488ATT+T Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4488ATT-T MAXIM-MAX4488ATT-T Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4488AUA MAXIM-MAX4488AUA Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
More results

Similar Description - MAX4488_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com