Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4564EUA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4564EUA
Description  Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4564EUA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4564EUA_12 Datasheet HTML 2Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 3Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 4Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 5Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 6Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 7Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 8Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 9Page - Maxim Integrated Products MAX4564EUA_12 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MAX4564
Low-Voltage, Dual-Supply,
SPDT Analog Switch with Enable
6
Maxim Integrated
0
60
30
120
90
180
150
210
270
240
300
-5
-3
-2
-1
-4
012
4
35
ON-RESISTANCE vs. VCOM
VCOM (V)
V+ = +1.8V,
V- = 0
V+ = +2.7V,
V- = 0
V+ = +4.5V,
V- = 0
V+ = +4.5V, V- = -4.5V
0
30
20
10
40
50
60
-5
-1
-2
-4
-3
012345
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
V+ = +5V, V- = -5V
TA = +85
°C
TA = + 25
°C
TA = -40
°C
0.01
0.1
1
10
100
1000
10,000
-40
-15
10
35
60
85
SWITCH LEAKAGE CURRENT
vs. TEMPERATURE
V+ = +5V, V- = -5V
ICOM(ON)
ICOM(OFF),
INO(OFF),
INC(OFF)
TEMPERATURE (
°C)
0
2
1
4
3
6
5
7
9
8
10
-5
-3
-2
-1
-4
012
4
35
CHARGE INJECTION vs. VCOM
VCOM (V)
SINGLE
SUPPLY:
V+ = +5V,
V- = 0
DUAL SUPPLIES:
±5V
-3
-1
-2
1
0
2
I+
I-
3
-40
10
-15
356085
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
DUAL SUPPLIES:
V+ = +5V, V- = -5V, VIN = 0
0
0.01
0.03
0.02
0.04
0.05
04
26
8
10
12
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
V- = 0, VIN = 0
0.001
0.001
0.01
0.1
1
10
100
1000
012345
SUPPLY CURRENT
vs. LOGIC-LEVEL VOLTAGE
LOGIC-LEVEL VOLTAGE (V)
DUAL OR SINGLE
+5V SUPPLIES
SINGLE
SUPPLY:
V+ = +3V,
V- = 0
0
25
75
50
100
125
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE (DUAL SUPPLIES)
SUPPLY VOLTAGE (V)
±2
±4
±3
±5
±6
tON
tOFF
100
75
50
25
0
-40
10
-15
356085
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE (DUAL SUPPLIES)
TEMPERATURE (
°C)
tON
tOFF
V+ = +5V, V- = -5V
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4564EUA_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4564EUA MAXIM-MAX4564EUA Datasheet
237Kb / 12P
   Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
More results

Similar Description - MAX4564EUA_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
   Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
logo
Vishay Siliconix
DG469 VISHAY-DG469 Datasheet
185Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. C, 17-Dec-07
DG469 VISHAY-DG469_09 Datasheet
134Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. D, 08-Jun-09
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com