Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6007 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6007
Description  1μA SOT23 Precision ShuntVoltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6007 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6007_12 Datasheet HTML 1Page - Maxim Integrated Products MAX6007_12 Datasheet HTML 2Page - Maxim Integrated Products MAX6007_12 Datasheet HTML 3Page - Maxim Integrated Products MAX6007_12 Datasheet HTML 4Page - Maxim Integrated Products MAX6007_12 Datasheet HTML 5Page - Maxim Integrated Products MAX6007_12 Datasheet HTML 6Page - Maxim Integrated Products MAX6007_12 Datasheet HTML 7Page - Maxim Integrated Products MAX6007_12 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MAX6006–MAX6009
1µA SOT23 Precision Shunt
Voltage Reference
7
Maxim Integrated
1
5
2
3
4
R2
R1
200k
IOUT
-1.0V TO -7V
-10V
IOUT =
2.5V
R2
MAX6008
MAX6008
MAX4162EUK
1
5
3
4
R2
R1
200k
IOUT
+1.0V TO +7V
+10V
2
MAX4162EUK
Figure 2. Precision 1µA to 1mA Current Sources
Chip Information
PROCESS: BiCMOS
Ordering Information (continued)
PART
OUTPUT
VOLTAGE (V)
INITIAL
ACCURACY (%)
TEMP COEFFICIENT
(ppm/°C)
PIN-PACKAGE
TOP MARK
MAX6007BEUR+T
2.048
0.5
75
3 SOT23
+FZGL
MAX6007BESA+
2.048
0.5
75
8 SO
MAX6008AEUR+T
2.50
0.2
30
3 SOT23
+FZGN
MAX6008AEUR/V+T
2.50
0.2
30
3 SOT23
+FZWO
MAX6008AESA+
2.50
0.2
30
8 SO
MAX6008BEUR+T
2.50
0.5
75
3 SOT23
+FZGO
MAX6008BESA+
2.50
0.5
75
8 SO
MAX6009AEUR+T
3.00
0.2
30
3 SOT23
+FZGQ
MAX6009AESA+
3.00
0.2
30
8 SO
MAX6009BEUR+T
3.00
0.5
75
3 SOT23
+FZGR
MAX6009BESA+
3.00
0.5
75
8 SO
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
3 SOT23
U3+1
21-0051
90-0179
8 SO
S8+2
21-0041
90-0096
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
T = Tape and reel.


Similar Part No. - MAX6007_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6007A MAXIM-MAX6007A Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6007AESA++ MAXIM-MAX6007AESA+ Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6007AEUR+T MAXIM-MAX6007AEUR+T Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6007B MAXIM-MAX6007B Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results

Similar Description - MAX6007_12

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040_05 Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com