Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP86325 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP86325
Description  CMOS 8-bit Single Chip Microcomputer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86325 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP86325 Datasheet HTML 7Page - Sony Corporation CXP86325 Datasheet HTML 8Page - Sony Corporation CXP86325 Datasheet HTML 9Page - Sony Corporation CXP86325 Datasheet HTML 10Page - Sony Corporation CXP86325 Datasheet HTML 11Page - Sony Corporation CXP86325 Datasheet HTML 12Page - Sony Corporation CXP86325 Datasheet HTML 13Page - Sony Corporation CXP86325 Datasheet HTML 14Page - Sony Corporation CXP86325 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
– 11 –
CXP86213/86217, CXP86325/86333, CXP86441/86449/86461
VDD = 4.5V, IOH = –0.5mA
VDD = 4.5V, IOH = –1.2mA
VDD = 4.5V, IOL = 1.8mA
VDD = 4.5V, IOL = 3.6mA
VDD = 4.5V, IOL = 3.0mA
VDD = 4.5V, IOL = 4.0mA
VDD = 5.5V, VIH = 5.5V
VDD = 5.5V, VIL = 0.4V
VDD = 5.5V, VIH = 5.5V
VDD = 4.5V, IOL = 12.0mA
High level output
voltage
Low level output
voltage
Input current
I/O leakage current
Open drain I/O
leakage current
(in N-ch Tr off state)
Supply current∗2
4.0
3.5
18
30
1.2
12
µA
mA
µA
µA
50
10
120
28
80
2.1
35
mA
µA
µA
0.4
0.6
1.5
0.4
0.6
40
–40
10
–10
–400
±10
V
V
V
V
V
µA
µA
µA
µA
µA
µA
0.5
–0.5
0.1
–0.1
–1.5
V
V
PA, PB, PD,
PE0 to PE1,
PE4 to PE6, PG7,
R, G, B
PA, PB, PD, PE0 to
PE1, PE4 to PE6, PF0
to PF3, PG7, R, G, B
PD, PF
PF4 to PF7
(SCL0, SCL1,
SDA0, SDA1)
EXTAL
RST∗1
PA, PB, PD, PE,
R, G, B, RST∗1
PF0 to PF3
PF4 to PF7
SCL0: SCL1
SDA0: SDA1
VDD = 5.5V, VIL = 0.4V
VDD = 5.5V,
VI = 0, 5.5V
VDD = 5.5V, VOH = 12.0V
VDD = 5.5V, VOH = 5.5V
VDD = 4.5V
VSCL0 = VSCL1 = 2.25V
VSDA0 = VSDA1 = 2.25V
VDD
VDD = 3.3V,
32MHz crystal oscillation
(C1 = C2 = 47pF)
Item
Symbol
Pins
Conditions
Min.
Typ.
Max.
Unit
VOH
VOL
IIZ
ILOH
RBS
IDD1
IDD2
IDDS1
IDDS2
IDDS3
IIHE
IILE
IIHT
IILT
IILR
Electrical Characteristics
DC characteristics
(Ta = –20 to +75°C, Vss = 0V reference)
1/2 frequency dividing mode
TEX
VDD = 5.5V,
16MHz crystal oscillation
(C1 = C2 = 15pF)
VDD = 3.3V,
32MHz crystal oscillation
(C1 = C2 = 47pF)
SLEEP mode
VDD = 5.5V,
16MHz crystal oscillation
(C1 = C2 = 15pF)
STOP mode∗3
VDD = 5.5V,
termination of 16MHz
and 32MHz oscillation
I2C bus switch
connection impedance
(in output Tr off state)


Similar Part No. - CXP86325

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86324 SONY-CXP86324 Datasheet
354Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP86325

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com