Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8869EUE33 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8869EUE33
Description  1A, Microcap, Low-Dropout, Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8869EUE33 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8869EUE33_12 Datasheet HTML 2Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 3Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 4Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 5Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 6Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 7Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 8Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 9Page - Maxim Integrated Products MAX8869EUE33_12 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MAX8869
1A, Microcap, Low-Dropout,
Linear Regulator
6
Maxim Integrated
Detailed Description
The MAX8869 features Dual Mode operation, allowing a
fixed output of +5V, +3.3V, +2.5V, +1.8V, or +1.0V, or
adjustable output from +0.8V to +5.0V. The regulators
are guaranteed to supply 1A of continuous output cur-
rent with only 1µF of output capacitance.
As shown in the functional diagram (Figure 1), the
device has a 0.8V reference, error amplifier, MOSFET
driver, P-channel pass transistor, internal feedback
voltage-divider, soft-start function, reset timer, and Dual
Mode and low VOUT comparators.
The 0.8V reference is connected to the error amplifier’s
inverting input. The error amplifier compares this refer-
ence with the selected feedback voltage and amplifies
the difference. The MOSFET driver reads the error sig-
nal and applies the appropriate drive to the P-channel
transistor. If the feedback voltage is high, the pass tran-
sistor’s gate is pulled up, allowing less current to pass
to the output. The low VOUT comparator senses when
the feedback voltage has dropped 8% below its
expected level, causing RST to go low.
The output voltage is fed back through either an inter-
nal resistor-divider connected to OUT or an external
resistor network connected to SET. The Dual Mode
comparator examines VSET and selects the feedback
path. If VSET is below 80mV, the internal feedback path
is used and the output voltage is regulated to the facto-
ry-preset voltage. Otherwise, the output voltage is set
with the external resistor-divider.
Internal P-Channel Pass Transistor
The MAX8869 features a 1A P-channel MOSFET pass
transistor. Unlike similar designs using PNP pass tran-
sistors, P-channel MOSFETs require no base drive,
which reduces quiescent current. PNP-based regula-
tors also waste considerable current in dropout when
the pass transistor saturates and use high base-drive
currents under large loads. The MAX8869 does not suf-
fer from these problems and consumes only 500µA of
quiescent current even in dropout.
Pin Description
PIN
NAME
FUNCTION
1, 9, 16
N.C.
No Connection. Not internally connected.
2, 3, 4, 5
IN
Regulator Input. Connect to power source (+2.7V to +5.5V). Bypass with 1
µF or greater
capacitor to GND (see Capacitor Selection and Regulator Stability). Connect all IN inputs
together for proper operation.
6
RST
Reset Output. Open-drain output is low when VOUT is 8% below its nominal value. RST remains
low while the output voltage (VOUT) is below the reset threshold and for at least 3ms after VOUT
rises to within regulation. Connect a 100k
Ω pullup resistor to OUT to obtain an output voltage.
7
SHDN
Active-Low Shutdown Input. A logic low reduces the supply current to 0.1
µA. Connect SHDN
to IN for normal operation. In shutdown, RST is low and the soft-start capacitor discharges.
8SS
Soft-Start Control. Connect a soft-start capacitor from SS to GND (see Soft-Start Capacitor
Selection). Leave SS open to disable soft-start.
10
GND
Ground. Solder both GND and EP to a large pad or to the circuit-board ground plane to
maximize power dissipation.
11
SET
Voltage-Setting Input. Connect SET to GND for factory-preset output voltage. Connect SET to
an external resistor-divider for adjustable output operation.
12, 13, 14, 15
OUT
Regulator Output. Bypass with a 1
µF or greater low-ESR capacitor to GND (see Capacitor
Selection and Regulator Stability). Connect all OUT outputs together for proper operation.
—EP
Exposed Pad. Connect to a large ground plane to maximize thermal performance. Not
intended as an electrical connection point.


Similar Part No. - MAX8869EUE33_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869EUE33 MAXIM-MAX8869EUE33 Datasheet
538Kb / 10P
   1A, MicroCap, Low-Dropout, Linear Regulator
MAX8869EUE33 MAXIM-MAX8869EUE33 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results

Similar Description - MAX8869EUE33_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869 Datasheet
538Kb / 10P
   1A, MicroCap, Low-Dropout, Linear Regulator
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com