Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9234 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9234
Description  Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9234 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9234_12 Datasheet HTML 1Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 2Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 3Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 4Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 5Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 6Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 7Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 8Page - Maxim Integrated Products MAX9234_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MAX9234/MAX9236/MAX9238
Hot-Swappable, 21-Bit, DC-Balanced LVDS
Deserializers
3
Maxim Integrated
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, VCCO = +3.0V to +5.5V, PWRDWN = high, differential input voltage
⏐VID⏐ = 0.05V to 1.2V, input common-
mode voltage VCM =
⏐VID/2⏐ to 2.4V - ⏐VID/2⏐, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = VCCO =
+3.3V,
⏐VID⏐ = 0.2V, VCM = 1.25V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS INPUTS
Differential Input-High Threshold
VTH
50
mV
Differential Input-Low Threshold
VTL
-50
mV
Input Current
IIN+, IIN-
PWRDWN = high or low
-25
+25
µA
Power-Off Input Current
IINO+, IINO-
VCC = VCCO = 0V or open,
PWRDWN = 0V or open
-40
+40
µA
PWRDWN = high or low (Figure 1)
Input Resistor 1
RIN1
VCC = VCCO = 0V or open (Figure 1)
42
78
k
POWER SUPPLY
8MHz
42
16MHz
57
MAX9234/
MAX9236
34MHz
98
16MHz
63
34MHz
106
Worst-Case Supply Current
ICCW
CL = 8pF,
worst-case
pattern; VCC =
VCCO = 3.0V to
3.6V, Figure 2
MAX9238
66MHz
177
mA
Power-Down Supply Current
ICCZ
PWRDWN = low
50
µA


Similar Part No. - MAX9234_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9234EUM MAXIM-MAX9234EUM Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
More results

Similar Description - MAX9234_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com