Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP86548 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXP86548
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86548 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXP86548 Datasheet HTML 5Page - Sony Corporation CXP86548 Datasheet HTML 6Page - Sony Corporation CXP86548 Datasheet HTML 7Page - Sony Corporation CXP86548 Datasheet HTML 8Page - Sony Corporation CXP86548 Datasheet HTML 9Page - Sony Corporation CXP86548 Datasheet HTML 10Page - Sony Corporation CXP86548 Datasheet HTML 11Page - Sony Corporation CXP86548 Datasheet HTML 12Page - Sony Corporation CXP86548 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
– 9 –
CXP86540/86548/86560
Port D data
Port D direction
IP
RD (Port D)
Data bus
INT2, SI, HS0,
HS1, RMC, EC
“0” when reset
Schmitt input
Large current 12mA
Port D data
Port D direction
IP
RD (Port D)
Data bus
“0” when reset
Schmitt input
only for PD1
SCK, SO
SIO output enable
SCK only
Large current 12mA
Port E data
“1” when reset
TO
ADJ16K∗1
ADJ2K∗1
01
00
10
11
MPX
Data bus
Port E direction
“1” when reset
Port E function selection (Lower)
“00” when reset
IP
Port E function selection (Upper)
Internal reset signal
2
1
ADJ signals are frequency
dividing outputs for 32kHz
oscillation frequency
adjustment. ADJ2K provides
usage as buzzer output.
2
Pull-up resistors approx. 150k
RD (Port E)
Port D
Port D
Port E
6 pins
2 pins
1 pin
Hi-Z
Hi-Z
High level
(with
approximately
150k
resistor when
reset)
Pin
When reset
Circuit format
PD1/SCK
PD2/SO
PE0/TO/ADJ
PD0/INT2
PD3/SI
PD4/HS0
PD5/HS1
PD6/RMC
PD7/EC


Similar Part No. - CXP86548

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86541 SONY-CXP86541 Datasheet
276Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
CXP86549 SONY-CXP86549 Datasheet
276Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP86548

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com