Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9236 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9236
Description  Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9236 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9236_12 Datasheet HTML 3Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 4Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 5Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 6Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 7Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 8Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 9Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 10Page - Maxim Integrated Products MAX9236_12 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MAX9234/MAX9236/MAX9238
Hot-Swappable, 21-Bit, DC-Balanced LVDS
Deserializers
7
Maxim Integrated
Detailed Description
The MAX9234/MAX9236 operate at a parallel clock fre-
quency of 8MHz to 34MHz. The MAX9238 operates at a
parallel clock frequency of 16MHz to 66MHz. The tran-
sition times of the single-ended outputs are increased
on the MAX9234/MAX9236 for reduced EMI.
DC Balance
Data coding by the MAX9209/MAX9211/MAX9213/
MAX9215 serializers (which are companion devices to
the MAX9234/MAX9236/MAX9238 deserializers) limits
the imbalance of ones and zeros transmitted on each
channel. If +1 is assigned to each binary 1 transmitted
and -1 is assigned to each binary 0 transmitted, the varia-
tion in the running sum of assigned values is called the
digital sum variation (DSV). The maximum DSV for the
data channels is 10. At most, 10 more zeros than ones,
or 10 more ones than zeros, are transmitted. The maxi-
mum DSV for the clock channel is five. Limiting the DSV
and choosing the correct coupling capacitors maintains
differential signal amplitude and reduces jitter due to
droop on AC-coupled links.
To obtain DC balance on the data channels, the serial-
izer parallel data is inverted or not inverted, depending
on the sign of the digital sum at the word boundary.
Two complementary bits are appended to each group
of 7 parallel input data bits to indicate to the MAX9234/
MAX9236/MAX9238 deserializers whether the data bits
are inverted (see Figure 9). The deserializer restores
the original state of the parallel data. The LVDS clock
signal alternates duty cycles of 4/9 and 5/9, which
maintain DC balance.
AC-Coupling Benefits
Bit errors experienced with DC-coupling can be elimi-
nated by increasing the receiver common-mode voltage
range by AC-coupling. AC-coupling increases the com-
mon-mode voltage range of an LVDS receiver to nearly
the voltage rating of the capacitor. The typical LVDS dri-
ver output is 350mV centered on an offset voltage of
1.25V, making single-ended output voltages of 1.425V
and 1.075V. An LVDS receiver accepts signals from 0 to
2.4V, allowing approximately
±1V common-mode differ-
ence between the driver and receiver on a DC-coupled
link (2.4V - 1.425V = 0.975V and 1.075V - 0V = 1.075V).
Common-mode voltage differences may be due to
ground potential variation or common-mode noise. If
there is more than
±1V of difference, the receiver is not
guaranteed to read the input signal correctly and may
cause bit errors. AC-coupling filters low-frequency
ground shifts and common-mode noise and passes
high-frequency data. A common-mode voltage differ-
ence up to the voltage rating of the coupling capacitor
(minus half the differential swing) is tolerated. DC-bal-
anced coding of the data is required to maintain the dif-
ferential signal amplitude and limit jitter on an
AC-coupled link. A capacitor in series with each output
of the LVDS driver is sufficient for AC-coupling.
However, two capacitors—one at the serializer output
and one at the deserializer input—provide protection in
case either end of the cable is shorted to a high voltage.
RIN1
RxIN_ + OR
RxCLK IN+
RxIN_ - OR
RxCLK IN-
RIN1
1.2V
Figure 1. LVDS Input Circuit
RCIP
RxCLK OUT
ODD RxOUT
EVEN RxOUT
RISING-EDGE STROBE SHOWN.
Figure 2. Worst-Case Test Pattern
Table 1. Part Equivalent Table
PART
EQUIVALENT WITH DCB/NC = HIGH OR OPEN
OPERATING
FREQUENCY (MHz)
OUTPUT STROBE
MAX9234
MAX9210
8 to 34
Rising edge
MAX9236
MAX9220
8 to 34
Falling edge
MAX9238
MAX9222
16 to 66
Falling edge


Similar Part No. - MAX9236_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9236EUM MAXIM-MAX9236EUM Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
More results

Similar Description - MAX9236_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com