Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11323 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11323
Description  1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11323 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11323 Datasheet HTML 5Page - Maxim Integrated Products MAX11323 Datasheet HTML 6Page - Maxim Integrated Products MAX11323 Datasheet HTML 7Page - Maxim Integrated Products MAX11323 Datasheet HTML 8Page - Maxim Integrated Products MAX11323 Datasheet HTML 9Page - Maxim Integrated Products MAX11323 Datasheet HTML 10Page - Maxim Integrated Products MAX11323 Datasheet HTML 11Page - Maxim Integrated Products MAX11323 Datasheet HTML 12Page - Maxim Integrated Products MAX11323 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
Maxim Integrated
MAX11321–MAX11328
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Typical Operating Characteristics
(MAX11322ATJ+/MAX11325ATJ+/MAX11328ATJ+, TA = +25°C, unless otherwise noted.)
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
fSAMPLE = 1Msps
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-2
-1
0
1
2
3
-3
-40
125
THD vs. ANALOG INPUT FREQUENCY
fIN (kHz)
60
80
40
20
-90
-85
-80
-95
0
100
fSAMPLE = 1Msps
SFDR vs. ANALOG INPUT FREQUENCY
fIN (kHz)
80
60
20
40
82
84
86
88
92
90
94
96
80
0
100
fSAMPLE = 1Msps
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
DIGITAL OUTPUT CODE (DECIMAL)
-0.5
0
0.5
1.0
-1.0
3072
2048
1024
0
4096
fSAMPLE = 1Msps
HISTOGRAM FOR 30,000
CONVERSIONS
OUTPUT CODE (DECIMAL)
2050
2049
2048
2047
2046
5,000
10,000
15,000
20,000
25,000
30,000
35,000
0
0
fSAMPLE = 1Msps
30,000 CODE HITS
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-2
-1
0
1
2
3
-3
-40
125
fIN (kHz)
80
60
40
20
71.5
72.0
72.5
73.0
73.5
74.0
71.0
0
100
SNR AND SINAD
vs. ANALOG INPUT FREQUENCY
fSAMPLE = 1Msps
SNR
SINAD


Similar Part No. - MAX11323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132 MAXIM-MAX1132 Datasheet
235Kb / 8P
   Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1132 MAXIM-MAX1132 Datasheet
127Kb / 8P
   Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX1132-MAX1133 MAXIM-MAX1132-MAX1133 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX11321ATJ++ MAXIM-MAX11321ATJ+ Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
More results

Similar Description - MAX11323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
MAX11329 MAXIM-MAX11329 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11329_V1 MAXIM-MAX11329_V1 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 1; 6/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com