Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11359A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11359A
Description  16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11359A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11359A_12 Datasheet HTML 4Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 5Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 6Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 7Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 8Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 9Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 10Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 11Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
MAX11359A
16-Bit Data-Acquisition System with ADC, DAC,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
8
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = +1.8V to +3.6V, VREF = +1.25V, external reference, CLK32K = 32.768kHz (external clock), CREG = 10µF, CCPOUT =
10µF, 10µF between CF+ and CF-, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DVDD Monitor Turn-On Time
5ms
CPOUT Monitor Supply Voltage
Range
1.0
3.6
V
CPOUT Monitor Trip Threshold
2.7
2.8
2.9
V
CPOUT Monitor Hysteresis
35
mV
CPOUT Monitor Turn-On Time
5ms
Internal Power-On Reset Voltage
1.7
V
32kHz Oscillator (32KIN, 32KOUT)
Clock Frequency
VDVDD = 2.7V
32.768
kHz
Stability
VDVDD = 1.8V to 3.6V, excluding crystal
25
ppm
Oscillator Startup Time
1500
ms
Crystal Load Capacitance
6pF
LOW-FREQUENCY CLOCK INPUT/OUTPUT (CLK32K)
Output Clock Frequency
32.768
kHz
Absolute Input to Output Clock
Jitter
Cycle to cycle
5
ns
Input to Output Rise/Fall Time
10% to 90%, 30pF load
5
ns
Input Duty Cycle
40
60
%
Output Duty Cycle
43
%
HIGH-FREQUENCY CLOCK OUTPUT (CLK)
fOUT = fFLL
4.8660
4.9152
4.9644
fOUT = fFLL/2, power-up default
2.4330
2.4576
2.4822
fOUT = fFLL/4
1.2165
1.2288
1.2411
MHz
FLL Output Clock Frequency
fOUT = fFLL/8
608.25
614.4
620.54
kHz
Cycle to cycle, FLL off
0.15
Absolute Clock Jitter
Cycle to cycle, FLL on
1
ns
Rise and Fall Time
tR/tF
10% to 90%, 30pF load
10
ns
fOUT = 4.9152MHz
40
60
Duty Cycle
fOUT = 2.4576MHz, 1.2288MHz, 614.4kHz
45
55
%
Uncalibrated CLK Frequency
Error
FLL calibration not performed
±35
%
DIGITAL INPUTS (SCLK, DIN,
CS, UPIO_, CLK32K)
Input High Voltage
VIH
0.7 x
VDVDD
V
Input Low Voltage
VIL
0.3 x
VDVDD
V


Similar Part No. - MAX11359A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11359ACTL++ MAXIM-MAX11359ACTL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359AETL++ MAXIM-MAX11359AETL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
More results

Similar Description - MAX11359A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX1358B MAXIM-MAX1358B Datasheet
3Mb / 71P
   16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
19-5159; Rev 0; 8/10
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
   22-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com