Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13021 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13021
Description  ±60V Fault-Protected LIN Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13021 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13021_12 Datasheet HTML 2Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 3Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 4Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 5Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 6Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 7Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 8Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 9Page - Maxim Integrated Products MAX13021_12 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MAX13020/MAX13021
±60V Fault-Protected LIN Transceivers
6
Maxim Integrated
TIMING CHARACTERISTICS (continued)
(VBAT = +5V to +38V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VBAT = +12V and TA = +25°C. Positive
currents flow into the device.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Mode Change Time from
Sleep/Standby Mode to
Normal/Low Slope Mode
tGOTONORM
(Note 3)
2
5
10
µs
Mode Change Time from
Normal/Low Slope Mode to Sleep
Mode
tGOTOSLEEP
(Note 4)
2
5
10
µs
Note 1: Guaranteed by design for VBAT = VLIN = +27V.
Note 2: Selected bit time, tBIT = 50µs or 96µs (20kbaud or 10.4kbaud). Bus load conditions (CBUS / RBUS): 1nF/1kΩ, 6.8nF/660Ω,
10nF/500
Ω.
Note 3: tGOTONORM is measured from rising edge of NSLP to RXD active.
Note 4: tGOTOSLEEP is measured from falling edge of NSLP to RXD high impedance.
0
2
1
5
4
3
6
7
9
8
10
-40
-10 5
-25
203550658095 110 125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
SLEEP MODE
VLIN = VBAT
VBAT = +38V
VBAT = +12V
0
5
25
40
50
OPERATING CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
520
25
10
15
30
35
40
LOW SLOPE MODE
10.4kbps
NORMAL SLOPE MODE
20kbps
RL = 500
CL = 10nF
RL = 1000
CL = 1nF
45
10
35
30
20
15
0
10
5
20
15
25
30
02
13
4
5
SINK CURRENT vs. RXD OUTPUT
LOW VOLTAGE
RXD OUTPUT LOW VOLTAGE (V)
TA = +125
°C
TA = +25
°C
TA = -40
°C
Typical Operating Characteristics
(VBAT = +12V and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13021_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13021ASA++ MAXIM-MAX13021ASA+ Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
More results

Similar Description - MAX13021_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020 Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com