Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14571 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14571
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14571 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14571 Datasheet HTML 1Page - Maxim Integrated Products MAX14571 Datasheet HTML 2Page - Maxim Integrated Products MAX14571 Datasheet HTML 3Page - Maxim Integrated Products MAX14571 Datasheet HTML 4Page - Maxim Integrated Products MAX14571 Datasheet HTML 5Page - Maxim Integrated Products MAX14571 Datasheet HTML 6Page - Maxim Integrated Products MAX14571 Datasheet HTML 7Page - Maxim Integrated Products MAX14571 Datasheet HTML 8Page - Maxim Integrated Products MAX14571 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Maxim Integrated
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy
MAX14571/MAX14572/MAX14573
ELECTRICAL CHARACTERISTICS (continued)
(
VIN = 4.5V to 36V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VIN = 24V, TA = +25NC, RISET. = 12kI) (Note 3)
Note 3: All units are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design and characterization; not production tested.
Note 4: Not production tested, user settable. See overvoltage/undervoltage lockout instructions.
Note 5: Guaranteed by design; not production tested. UVLO and OVLO are internally clamped to BG reference voltage.
Note 6: The current limit can be set below 700mA with a decreased accuracy.
Note 7: All timing is measured using 20% and 80% levels.
Note 8: The ratio between autoretry time and blanking time is fixed and equal to 30.
Timing Diagrams
Figure 1. Autoretry Fault Diagram
tBLANK
tBLANK
tBLANK
tBLANK
tRETRY
tRETRY
tRETRY
NOTE: TIME NOT IN SCALE
AUTORETRY VERSIONS
OUT
CURRENT LIMIT
LOAD CURRENT
FLAG
THE DEVICE GOES
TO THERMAL
SHUTDOWN MODE
THE DEVICE COMES
OUT OF THERMAL
SHUTDOWN MODE
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ESD PROTECTION
IN
Human Body Model, IN bypassed
to GND with a 1FF low-ESR ceramic
capacitor
Q
15
kV


Similar Part No. - MAX14571

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14571 MAXIM-MAX14571 Datasheet
605Kb / 11P
   6V to 36V Operating Voltage Range
Rev 0; 8/13
MAX14571EUD+T MAXIM-MAX14571EUD+T Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14571EUD+T MAXIM-MAX14571EUD+T Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14571EUD/V+T MAXIM-MAX14571EUD/V+T Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
More results

Similar Description - MAX14571

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com