Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14575AL Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14575AL
Description  250mA to 2.5A Adjustable Current-Limit Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14575AL Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14575AL Datasheet HTML 1Page - Maxim Integrated Products MAX14575AL Datasheet HTML 2Page - Maxim Integrated Products MAX14575AL Datasheet HTML 3Page - Maxim Integrated Products MAX14575AL Datasheet HTML 4Page - Maxim Integrated Products MAX14575AL Datasheet HTML 5Page - Maxim Integrated Products MAX14575AL Datasheet HTML 6Page - Maxim Integrated Products MAX14575AL Datasheet HTML 7Page - Maxim Integrated Products MAX14575AL Datasheet HTML 8Page - Maxim Integrated Products MAX14575AL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Maxim Integrated
250mA to 2.5A Adjustable Current-Limit Switches
MAX14575A/MAX14575AL/
MAX14575B/MAX14575C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +2.3V to +5.5V and TA = -40NC to +85NC, unless otherwise noted. Typical values are at VIN = +3.3V, CIN = 1FF, COUT = 1FF,
RSETI = 100kI, TA = +25°C.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design; not production tested.
Note 3: Blanking time and retry time are generated by the same internal oscillator. The ratio of RETRY
BLANK
t
t
is a constant value of 32.
Figure 1. Timing Diagram for Measuring Turn-On Time (tSS) and Turn-Off Time (tOFF).
tSS
tOFF
VOUT
10% VIN
90% VIN
EN(EN)*
*() THE POLARITY OF THE SIGNAL IS REVERSED FOR THE MAX14575AL ONLY.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EN, EN INPUT
EN, EN Input Leakage
ILEAK
EN, EN = IN or GND
-1
+1
F
A
EN, EN Input Logic-High Voltage
VIH
1.6
V
EN, EN Input Logic-Low Voltage
VIL
0.4
V
FLAG OUTPUT
FLAG Output Logic-Low Voltage
ISINK = 1mA
0.4
V
FLAG Output Leakage Current
VIN = VFLAG = 5.5V, FLAG deasserted
1
F
A
TIMING CHARACTERISTICS
Turn-On Time
tSS
Time from ENABLE signal to VOUT = 90%
of VIN, Figure 1
600
F
s
Turn-Off Time
tOFF
Time from DISABLE signal to VOUT = 10%
of VIN, RL = 1kI, COUT = 0, Figure 1
100
F
s
Current-Limit Reaction Time
tLIM
Output high and then short circuit applied
3
F
s
Blanking Time
tBLANK
Figures 2 and 3 (Note 3)
10
15
25
ms
Retry Time
tRETRY
MAX14575A/MAX14575AL Figure 2 (Note 3)
320
500
875
ms
THERMAL PROTECTION
Thermal Shutdown
+160
N
C
Thermal Shutdown Hysteresis
20
N
C


Similar Part No. - MAX14575AL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14575ALETA+T MAXIM-MAX14575ALETA+T Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
More results

Similar Description - MAX14575AL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com