Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14575B Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14575B
Description  250mA to 2.5A Adjustable Current-Limit Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14575B Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14575B Datasheet HTML 2Page - Maxim Integrated Products MAX14575B Datasheet HTML 3Page - Maxim Integrated Products MAX14575B Datasheet HTML 4Page - Maxim Integrated Products MAX14575B Datasheet HTML 5Page - Maxim Integrated Products MAX14575B Datasheet HTML 6Page - Maxim Integrated Products MAX14575B Datasheet HTML 7Page - Maxim Integrated Products MAX14575B Datasheet HTML 8Page - Maxim Integrated Products MAX14575B Datasheet HTML 9Page - Maxim Integrated Products MAX14575B Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Maxim Integrated
250mA to 2.5A Adjustable Current-Limit Switches
MAX14575A/MAX14575AL/
MAX14575B/MAX14575C
Typical Operating Characteristics (continued)
(VIN = +3.3V, CIN = 1FF, COUT = 1FF, RSETI = 94.2kI, TA = +25NC, unless otherwise noted.)
SWITCH TURN-ON TIME
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.4
0.8
1.2
1.6
2.0
0
0.6
1.0
1.4
1.8
0.2
-40
85
IOUT = 10mA
VIN = 3.3V
VIN = +5V
SWITCH TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
20
40
60
80
100
0
30
50
70
90
10
-40
85
RL = 1kI
NO OUTPUT CAPACITOR
VIN = 3.3V
VIN = +5V
4ms/div
CURRENT-LIMIT RESPONSE
MAX14575A toc12
SUDDENT SHORT
APPLIED AT
OUTPUT
VEN = VIN = +3.3V
VOUT
2V/div
IOUT
1A/div
20ms/div
CURRENT-LIMIT RESPONSE
MAX14575A toc13
IOUT = 200mA
TO SHORT APPLIED
VEN = VIN = +3.3V
VOUT
2V/div
IOUT
1A/div
4ms/div
FLAG RESPONSE
(OVERLOAD CONDITION)
MAX14575A toc14
SHORT TO
GROUND APPLIED
VEN = VIN = +3.3V
IOUT
1A/div
VFLAG
2V/div


Similar Part No. - MAX14575B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14575BETA+T MAXIM-MAX14575BETA+T Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
More results

Similar Description - MAX14575B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com