Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14770EGUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14770EGUA
Description  High-ESD Profibus RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14770EGUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14770EGUA Datasheet HTML 6Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 7Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 8Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 9Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 10Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 11Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 12Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 13Page - Maxim Integrated Products MAX14770EGUA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Maxim Integrated
High-ESD Profibus RS-485 Transceiver
MAX14770E
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25NC, unless otherwise noted.)
DRIVER DISABLE TIME
FROM HIGH tDHZ
MAX14770E toc18
10ns/div
DE
2V/div
A
2V/div
DI = VCC, RL = 500Ω, CL = 50pF
DRIVER DISABLE TIME
FROM LOW tDLZ
MAX14770E toc17
10ns/div
DE
2V/div
B
2V/div
DI = VCC, RL = 500Ω, CL = 50pF
DRIVER ENABLE TO
OUTPUT LOW tDZL
MAX14770E toc16
10ns/div
DE
2V/div
B
2V/div
DI = VCC, RL = 500Ω, CL = 50pF
DRIVER ENABLE TO
OUTPUT HIGH tDZH
MAX14770E toc15
10ns/div
DE
2V/div
A
2V/div
DI = VCC, RL = 500Ω, CL = 50pF
DRIVER OUTPUT RISE AND FALL TIME
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
2
4
6
8
10
12
14
16
0
-40
125
RL = 54Ω, CL = 50pF
FALL TIME
RISE TIME
DRIVER OUTPUT TRANSITION SKEW
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1
2
3
4
5
0
-40
125
RL = 54Ω, CL = 50pF
DRIVER DIFFERENTIAL SKEW tDSKEW
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1
2
3
4
5
0
-40
125
RL = 54Ω, CL = 50pF
DRIVER OUTPUT CURRENT
vs. OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3
1
-1
-3
-5
20
40
60
80
100
120
140
0
-7
5
DRIVER OUTPUT CURRENT
vs. OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
9
6
3
20
40
60
80
100
120
140
0
0
12


Similar Part No. - MAX14770EGUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14770EGUA+T MAXIM-MAX14770EGUA+T Datasheet
1,020Kb / 16P
   ±35kV High-ESD Profibus RS-485 Transceiver
Rev 5; 1/15
More results

Similar Description - MAX14770EGUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
MAX14770E MAXIM-MAX14770E_10 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 1; 4/10
MAX14770E MAXIM-MAX14770E_15 Datasheet
1,020Kb / 16P
   ±35kV High-ESD Profibus RS-485 Transceiver
Rev 5; 1/15
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Renesas Technology Corp
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
   Isolated 40Mbps RS-485 PROFIBUS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com