Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14809 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14809
Description  Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14809 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14809 Datasheet HTML 1Page - Maxim Integrated Products MAX14809 Datasheet HTML 2Page - Maxim Integrated Products MAX14809 Datasheet HTML 3Page - Maxim Integrated Products MAX14809 Datasheet HTML 4Page - Maxim Integrated Products MAX14809 Datasheet HTML 5Page - Maxim Integrated Products MAX14809 Datasheet HTML 6Page - Maxim Integrated Products MAX14809 Datasheet HTML 7Page - Maxim Integrated Products MAX14809 Datasheet HTML 8Page - Maxim Integrated Products MAX14809 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
Maxim Integrated
MAX14808/MAX14809
Octal Three-Level/Quad Five-Level High-Voltage
2A Digital Pulsers with T/R Switch
DCELECTRICALCHARACTERISTICS(continued)
(VDD = +3V, VCC = +5V, VEE = -5V, VPPA = +100V, VNNA = -100V, VPPB = +100V, VNNB = -100V, 1FF bypass capacitor between
VGNA and VNNA, 1FF bypass capacitor between VGNB and VNNB, 1FF bypass capacitor between VGPA and VPPA, 1FF bypass
capacitor between VGPB and VPPB, VLDO_EN = 0V, no load, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Input Leakage
(All Inputs Except LDO_EN)
IIN
VIN = 0V or VDD
-1
0
+1
F
A
LDO_EN Pulldown Resistance
RLDO_EN
7
10
14
kI
THP Low-Level Output Voltage
VOL
Pullup resistor to VDD (RPULLUP = 1kI)
0.1 x VDD
V
CLOCKINPUTS(CLK,CLK)—DIFFERENTIALMODE
Differential Clock Input Voltage
Range
VCLKD
0.2
2
VP-P
Common-Mode Voltage
VCLKCM
VCC/2
V
Common-Mode Voltage Range
VCL
VCC/2
- 0.45
VCC/2
+ 0.45
V
Input Resistance
RCLK,
RCLK
Differential
7
kI
Common mode
23
kI
Input Capacitance
CCLK,
CCLK
Capacitance to GND (each input)
4
pF
CLOCKINPUTS(CLK,CLK)—SINGLE-ENDEDMODE(VCLK<0.1V)
Low-Level Input
VIL
CLK
0.2 x VDD
V
High-Level Input
VIH
CLK
0.8 x VDD
V
Single-Ended Mode Selection
Threshold Low
VIL
CLK
0.1
V
Single-Ended Mode Selection
Threshold High
VIH
CLK
1
V
Input Capacitance (CLK)
CCLK
4
pF
Logic Input Leakage (CLK)
ICLK
VCLK = 0V or VDD
-1
0
+1
F
A
Pullup Current (CLK)
ICLK
VCLK = 0V
120
180
F
A
SUPPLYCURRENT—SHUTDOWNMODE(MODE0=Low,MODE1=Low)
VDD Supply Current
IDD
All inputs connected to GND or VDD
3
F
A
VCC Supply Current
ICC
All inputs connected to GND or VDD
22
F
A
VEE Supply Current
IEE
All inputs connected to GND or VDD
13
F
A
VPP_ Supply Current
IPP_
All inputs connected to GND or VDD
10
F
A
VNN_ Supply Current
INN_
All inputs connected to GND or VDD
10
F
A
SUPPLYCURRENT—DISABLEMODE(MODE0=High,MODE1=High)
VDD Supply Current
IDDQ
All inputs
connected to
GND or VDD
Transparent or single-
ended clock mode
1.7
3
F
A
Differential clock
mode, VCLKD = 0.2V
110
190


Similar Part No. - MAX14809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14809ETK++ MAXIM-MAX14809ETK+ Datasheet
728Kb / 31P
   Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
More results

Similar Description - MAX14809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
   Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
MAX14988 MAXIM-MAX14988 Datasheet
520Kb / 21P
   2.5A Octal Three-Level Digital Pulsers with TR Switches
2014
logo
Texas Instruments
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
[Old version datasheet]   Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
TX7516 TI-TX7516_V01 Datasheet
626Kb / 9P
[Old version datasheet]   TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
TX7516 TI-TX7516 Datasheet
594Kb / 8P
[Old version datasheet]   TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
logo
Microchip Technology
HV7360 MICROCHIP-HV7360 Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
logo
Maxim Integrated Produc...
MAX4940 MAXIM-MAX4940 Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
logo
Fairchild Semiconductor
MM74HC4316 FAIRCHILD-MM74HC4316 Datasheet
106Kb / 9P
   Quad Analog Switch with Level Translator
74VHC4316 FAIRCHILD-74VHC4316 Datasheet
104Kb / 9P
   Quad Analog Switch with Level Translator
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
[Old version datasheet]   Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com