Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15002 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15002
Description  Dual-Output Buck Controller with Tracking/Sequencing
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15002 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15002_12 Datasheet HTML 1Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 2Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 3Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 4Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 5Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 6Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 7Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 8Page - Maxim Integrated Products MAX15002_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
CONVERTER 1 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
50
60
70
80
90
100
40
0.1
100
VIN = 6V
VIN = 12V
VIN = 16V
VOUT1 = 3.3V
fSW = 300kHz
CONVERTER 2 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
100
VIN = 6V
VIN = 12V
VIN = 16V
VOUT2 = 1.8V
fSW = 300kHz
CONVERTER 1 LOAD REGULATION
LOAD CURRENT (A)
10
5
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
015
VOUT1 = 3.3V
CONVERTER 2 LOAD REGULATION
LOAD CURRENT (A)
10
5
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
015
VOUT2 = 1.8V
INTERNAL VOLTAGE REGULATION (REG)
TEMPERATURE (
°C)
80
60
40
20
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
4.90
0
100
VIN = 12V
CREG = 2.2
µF
CONVERTER-SWITCHING FREQUENCY
vs. RRT
RRT (k
Ω)
600
400
200
100
1000
10,000
10
0800
Typical Operating Characteristics
(VIN = 12V, referenced to Figure 8, TA = TJ = +25°C, unless otherwise noted.)
MAX15002
Dual-Output Buck Controller with
Tracking/Sequencing
5
Maxim Integrated
SWITCHING FREQUENCY ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
125
100
50
75
0
25
-25
-8
-6
-4
-2
0
2
4
6
8
10
-10
-50
150
fSW = 300kHz
VALLEY CURRENT-LIMIT THRESHOLD
vs. VILIM_
VILIM_ (mV)
3000
2500
2000
1500
1000
100
150
200
250
300
350
50
500
3500


Similar Part No. - MAX15002_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002ATL++ MAXIM-MAX15002ATL+ Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
More results

Similar Description - MAX15002_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
International Rectifier
IR3623MPBF IRF-IR3623MPBF Datasheet
542Kb / 26P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3623MPBF IRF-IR3623MPBF_1 Datasheet
515Kb / 26P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622AMPBF IRF-IR3622AMPBF Datasheet
675Kb / 33P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Semtech Corporation
SC416 SEMTECH-SC416 Datasheet
1Mb / 34P
   Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com