Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63816-0100 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 63816-0100
Description  Application Tooling Specification Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

63816-0100 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  63816-0100 Datasheet HTML 1Page - Molex Electronics Ltd. 63816-0100 Datasheet HTML 2Page - Molex Electronics Ltd. 63816-0100 Datasheet HTML 3Page - Molex Electronics Ltd. 63816-0100 Datasheet HTML 4Page - Molex Electronics Ltd. 63816-0100 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Hand Crimp Tool for VersaBlade™ Industry standard .070" Terminals
Doc No: ATS-6381968HM
Release Date: 7-23-10
UNCONTROLLED COPY
Page 5 of 5
Revision: A
Revision Date: 7-23-10
RATCHET
RELEASE LEVER
HANDLE
SPRING
CRIMPING
SPRING (2)
3
6
4
Figure 6
M4 X 14mm
LONG BHCS
2
5
1
PARTS LIST
Hand Crimp Tool 63819-6800
Item
Order Number
Description
Quantity
1
63819-6870
Modular Crimp Head
1 (Ref)
2
63816-0050
Hand Crimp Frame (long)
1 (Ref)
3
63819-6875
Locator
1
4
63816-0001
Locking Pin
2
5
63600-0525
Handle Spring
1
6
63600-0520
Crimping Spring
2
http://www.molex.com


Similar Part No. - 63816-0100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63816-0100 MOLEX2-63816-0100 Datasheet
327Kb / 5P
   Application Tooling Specification Sheet
63816-0100 MOLEX11-63816-0100 Datasheet
683Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
More results

Similar Description - 63816-0100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638232500 MOLEX11-0638232500 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235575 MOLEX11-0638235575 Datasheet
656Kb / 9P
   Application Tooling Specification Sheet
0638238075 MOLEX11-0638238075 Datasheet
467Kb / 6P
   Application Tooling Specification Sheet
0638239875 MOLEX11-0638239875 Datasheet
583Kb / 7P
   Application Tooling Specification Sheet
0638132400 MOLEX11-0638132400 Datasheet
285Kb / 2P
   Application Tooling Specification Sheet
0638232770 MOLEX11-0638232770 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235175 MOLEX11-0638235175 Datasheet
548Kb / 7P
   Application Tooling Specification Sheet
0638238375 MOLEX11-0638238375 Datasheet
363Kb / 6P
   Application Tooling Specification Sheet
0638239975 MOLEX11-0638239975 Datasheet
702Kb / 7P
   Application Tooling Specification Sheet
0638240100 MOLEX11-0638240100 Datasheet
411Kb / 2P
   Application Tooling Specification Sheet
0638113770 MOLEX11-0638113770 Datasheet
189Kb / 4P
   Application Tooling Specification Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com