Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16955 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16955
Description  36V, 1MHz Step-Down Controller with Low Operating Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16955 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16955_12 Datasheet HTML 4Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 5Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 6Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 7Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 8Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 9Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 10Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 11Page - Maxim Integrated Products MAX16955_12 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SHUTDOWN CURRENT vs. VSUP
VSUP (V)
33
30
24 27
9 12 15 18 21
6
2
4
6
8
10
12
14
16
18
20
0
336
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (°C )
110
95
80
65
50
35
20
5
-10
-25
10.35
10.40
10.45
10.50
10.55
10.60
10.30
-40
VSUP = 14V
VEN = 0V
125
SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
3
2
1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
04
DIPS AND DROPS TEST,
PWM MODE, VOUT = 5V
MAX16955 toc27
VLX
10V/div
VPGOOD
5V/div
VSUP
10V/div
VOUT
2V/div
10ms
DIPS AND DROPS TEST,
SKIP MODE, VOUT = 5V
MAX16955 toc28
VLX
10V/div
VPGOOD
5V/div
VSUP
10V/div
VOUT
2V/div
10ms
DIPS AND DROPS TEST,
PWM MODE, VOUT = 3.3V
MAX16955 toc29
VLX
10V/div
VPGOOD
5V/div
VSUP
10V/div
VOUT
2V/div
10ms
DIPS AND DROPS TEST,
SKIP MODE, VOUT = 3.3V
MAX16955 toc30
VLX
10V/div
VPGOOD
5V/div
VSUP
10V/div
VOUT
2V/div
10ms
MAX16955
36V, 1MHz Step-Down Controller
with Low Operating Current
8
Maxim Integrated
Typical Operating Characteristics (continued)
(VSUP = VEN = 14V, CIN = 10µF, COUT = 94µF, CBIAS = 2.2µF, CBST = 0.1µF, RFOSC = 66.5kΩ, fOSC = 468kHz, VFB = VBIAS,
VOUT = 5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16955_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16955AUE MAXIM-MAX16955AUE Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16955AUV MAXIM-MAX16955AUV Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16955EVKIT MAXIM-MAX16955EVKIT Datasheet
946Kb / 8P
   400kHz Switching Frequency
Rev 1; 1/12
More results

Similar Description - MAX16955_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16955 MAXIM-MAX16955 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com