Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-51848 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # C-51848
Description  Monochrome Graphic & Character LCDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

C-51848 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  C-51848 Datasheet HTML 1Page - Kyocera Kinseki Corpotation C-51848 Datasheet HTML 2Page - Kyocera Kinseki Corpotation C-51848 Datasheet HTML 3Page - Kyocera Kinseki Corpotation C-51848 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FPD Total Solution Provider
Page 2
Graphic & Character LCDs
www.kyocera-display.com
Technology in Passive LCDs
ODV achieves high light shielding and dramatically improved
color performance comparing to TN/STN.
High contrast and wide viewing angle enables sophisticated
design for varieties of application.
• Improvement of light shielding on back-
ground and achromatic enables to pure
black background.
• High contrast from every direction
• Minimum color shift from low temp to
high temp, achieved the high performance.
Applications
audio, automotive, measurement,
electric appliance, meters, POS.
ODV(Omni-Directional View)
High contrast LCD with black background and high visibility from any direction.
ODV and ABN acheive superior front screen performance that is comparable to VFD, but have
advantage of low power consumption and high resolution.
Features:
Part #
C-55605GNFU-LW-ADN
Dot size (mm)
0.59 (W) x 1.15 (H)
Font size (mm)
1 character = 7 x 9 dots,
4.43 (W) x 10.75 (H)
Active area (mm)
10.76 (W) x 26.5 (H)
Outline dimention (mm)
131.8 (W) x 48.8 (H) x 8.3 (D)
Interface
8-bit 68- 80- system parallel interface
20 x 2 Character Module
High contrast LCD with black
background and high visibility
from any direction.


Similar Part No. - C-51848

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
C-51850NFJ-SLW-ADN KSS-C-51850NFJ-SLW-ADN Datasheet
467Kb / 19P
   LCD Module Technical Specification
C-51850NFQJ-LG-ACN KSS-C-51850NFQJ-LG-ACN Datasheet
459Kb / 19P
   LCD Module Technical Specification
C-51850NFQJ-LW-AAN KSS-C-51850NFQJ-LW-AAN Datasheet
459Kb / 19P
   LCD Module Technical Specification
More results

Similar Description - C-51848

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N004L VISHAY-LCD-020N004L_V01 Datasheet
73Kb / 3P
   20 x 4 Character LCDs
01-Jan-2022
LCD-160H032A VISHAY-LCD-160H032A_V01 Datasheet
69Kb / 3P
   160 x 32 Graphic LCDs
01-Jan-2022
LCD-160H160A VISHAY-LCD-160H160A_V01 Datasheet
61Kb / 3P
   160 x 160 Graphic LCDs
01-Jan-2022
LCD-240H128A VISHAY-LCD-240H128A_V01 Datasheet
68Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-320H240A VISHAY-LCD-320H240A_V01 Datasheet
71Kb / 3P
   320 x 240 Graphic LCDS
01-Jan-2022
LCD-128H064C VISHAY-LCD-128H064C_V01 Datasheet
67Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064E VISHAY-LCD-128H064E_V01 Datasheet
70Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-122H032D VISHAY-LCD-122H032D_V01 Datasheet
63Kb / 3P
   122 x 32 Graphic LCDs
01-Jan-2022
LCD-144H032A VISHAY-LCD-144H032A_V01 Datasheet
71Kb / 3P
   144 x 32 Graphic LCDs
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com