Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC-20261 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # DMC-20261
Description  Monochrome Graphic & Character LCDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

DMC-20261 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  DMC-20261 Datasheet HTML 1Page - Kyocera Kinseki Corpotation DMC-20261 Datasheet HTML 2Page - Kyocera Kinseki Corpotation DMC-20261 Datasheet HTML 3Page - Kyocera Kinseki Corpotation DMC-20261 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FPD Total Solution Provider
Page 1
www.kyocera-display.com
Monochrome Graphic &
Kyocera passive LCD products deliver remarkable readability in any ambient light enviroment
condition, with exceptional performance over a wide operating temperature range. Multiple
LED colors are available to choose from to meet your application needs.
Character LCDs
RoHS Compliant*
All modules are built in complete compliance with the European
Union’s RoHS (Reduction of Hazardous Substances) directive
that restricts the use of certain substances such as lead,
mercury and cadmium in electronic equipment.
A Higher Standard for STN
• Wide operating temperature (-20 to +70°C) standard
• High contrast ratio up to 80:1
• High brightness up to 100 nits
• High ambient-light legibility
• Built-in controllers
• Selectable interface
New STN
STN
STN
80:1
5:1
89%
58%
New STN
Range of Colors
A wide variety of colors are available to suit every application.
ODV and ABN
These technologies achevied superior front screen performance,
such as very high contrast ratio (500:1), and wide viewing angle,
that is comparable to VFD (Vaccum Fluorescent Displays).


Similar Part No. - DMC-20261

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC-20434 OPTREX-DMC-20434 Datasheet
67Kb / 1P
   DIMENSIONAL OUTLINE
More results

Similar Description - DMC-20261

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N004L VISHAY-LCD-020N004L_V01 Datasheet
73Kb / 3P
   20 x 4 Character LCDs
01-Jan-2022
LCD-160H032A VISHAY-LCD-160H032A_V01 Datasheet
69Kb / 3P
   160 x 32 Graphic LCDs
01-Jan-2022
LCD-160H160A VISHAY-LCD-160H160A_V01 Datasheet
61Kb / 3P
   160 x 160 Graphic LCDs
01-Jan-2022
LCD-240H128A VISHAY-LCD-240H128A_V01 Datasheet
68Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-320H240A VISHAY-LCD-320H240A_V01 Datasheet
71Kb / 3P
   320 x 240 Graphic LCDS
01-Jan-2022
LCD-128H064C VISHAY-LCD-128H064C_V01 Datasheet
67Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064E VISHAY-LCD-128H064E_V01 Datasheet
70Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-122H032D VISHAY-LCD-122H032D_V01 Datasheet
63Kb / 3P
   122 x 32 Graphic LCDs
01-Jan-2022
LCD-144H032A VISHAY-LCD-144H032A_V01 Datasheet
71Kb / 3P
   144 x 32 Graphic LCDs
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com