Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0363360000 Datasheet(PDF) 6 Page - Weidmuller

Part # 0363360000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0363360000 Datasheet(HTML) 6 Page - Weidmuller

Back Button 0363360000 Datasheet HTML 2Page - Weidmuller 0363360000 Datasheet HTML 3Page - Weidmuller 0363360000 Datasheet HTML 4Page - Weidmuller 0363360000 Datasheet HTML 5Page - Weidmuller 0363360000 Datasheet HTML 6Page - Weidmuller 0363360000 Datasheet HTML 7Page - Weidmuller 0363360000 Datasheet HTML 8Page - Weidmuller 0363360000 Datasheet HTML 9Page - Weidmuller 0363360000 Datasheet HTML 10Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
297
EG 3
EG 4
EG 5
300 V
2
II
10 A
1.5 W
IP 20
V - 2
100 °C
0.5...4 mm2
0.5...2.5 mm2
0.4 - 0.8 Nm
1
Type
Cat. No.
Qty.
EG 3 R
0163960000
15
AP PA
0133760000
20
RKF
0163860000
20
MPL
0158560000
50
ZBE
0138360000
50
ZBE
0138360000
50
VZ
0510260000
50
S 6.3
0496100000
100
S 2 x 2.8
0163500000
50
LP-CU
0167300000
LP-LR
0167400000
307, Fig. V
300 V
2
III
10 A
1.6 W
IP 20
V - 2
100 °C
0.5...4 mm2
0.5...2.5 mm2
0.4 - 0.8 Nm
1
Type
Cat. No.
Qty.
EG 4 R
1116560000
AP PA
1116060000
20
RKF
1116260000
20
MPL
1116360000
50
ZBE
0138360000
50
ZBE
0138360000
50
VZ
0510260000
50
ZP
0453760000
307, Fig. VI
300 V
2
III
1 A
1.6 W
IP 20
V - 2
100 °C
0.5...4 mm2
0.5...2.5 mm2
0.5 - 0.8 Nm
1
Type
Cat. No.
Qty.
EG 5 R
1116860000
AP PA
1116160000
20
RKF
1116260000
20
MPL
1116360000
50
ZBE
0138360000
50
ZBE
0138360000
50
VZ
0510260000
50
ZP
0453760000
307, Fig. VII
Housings


Similar Part No. - 0363360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0363360000 WEIDMULLER-0363360000 Datasheet
1Mb / 52P
   SAK-series
0363360000 WEIDMULLER-0363360000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 0363360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com