Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPI4040R1-100-R Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # MPI4040R1-100-R
Description  High Frequency, High Current Miniature Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MPI4040R1-100-R Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button MPI4040R1-100-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 5Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 6Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 7Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 8Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 9Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 10Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 11Page - Cooper Bussmann, Inc. MPI4040R1-100-R Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
0412
BU-SB12261
Page 8 of 12
Data Sheet: 4086
Inductance Characteristics - % of OCL vs. IDC - R3 -- 1.85mm Height
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
110.0%
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
MPI4040R3-1R2-R
Idc (Amps)
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
110.0%
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
Idc (Amps)
MPI4040R3-1R5-R
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
110.0%
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Idc (Amps)
MPI4040R3-2R2-R
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
Idc (Amps)
MPI4040R3-R22-R
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Idc (Amps)
MPI4040R3-R47-R
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Idc (Amps)
MPI4040R3-3R3-R


Similar Part No. - MPI4040R1-100-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPI4040R1-100-R EATON-MPI4040R1-100-R Datasheet
1Mb / 13P
   High current, high frequency, miniature power inductors
More results

Similar Description - MPI4040R1-100-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPI4040 EATON-MPI4040 Datasheet
1Mb / 13P
   High current, high frequency, miniature power inductors
MPIA4040 EATON-MPIA4040 Datasheet
4Mb / 13P
   Automotive Grade High Current, High Frequency, Miniature Power Inductors
logo
Cooper Bussmann, Inc.
FP1308R1-R11-R COOPER-FP1308R1-R11-R Datasheet
476Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP1007R1-R12-R COOPER-FP1007R1-R12-R Datasheet
491Kb / 4P
   High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
   High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
   High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
   High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
   High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
   High frequency, high current power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com