Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM4953 Datasheet(PDF) 1 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UM4953
Description  Dual P-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UM4953 Datasheet(HTML) 1 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UM4953 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UM4953 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UM4953 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UM4953 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Junction Temperature
150
1
UM4953
Dual P-Ch 30V Fast Switching MOSFETs
ID
-30V
80mΩ
-4.9A
The UM4953 is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UM4953 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
Dual SOP8 Pin Configuration
Product Summery
BVDSS
RDS(ON)
SO − 8

!
"#
$
%
&
5
/
5
/
,
,
,
,
/
5
, ,
/
5
,
,
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-30
VGSS
Gate-Source Voltage
±25
V
ID*
Maximum Drain Current – Continuous TA = 25°C
-4.9
IDM
Maximum Drain Current – Pulsed
-30
A
TA = 25°C
2.5
PD
Maximum Power Dissipation
TA = 100°C
1.0
W
TJ
TSTG
Storage Temperature Range
-55 to 150
°C
RθJA*
Thermal Resistance - Junction to Ambient
50
°C/W


Similar Part No. - UM4953

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM4953 UNITPOWER-UM4953 Datasheet
1Mb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
VBsemi Electronics Co.,...
UM4953 VBSEMI-UM4953 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UM4953

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM4805 UNITPOWER-UM4805 Datasheet
1Mb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
UM3203 UNITPOWER-UM3203 Datasheet
871Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UM3201 XINDEYI-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
UM3203 XINDEYI-UM3203 Datasheet
871Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM4953 UNITPOWER-UM4953 Datasheet
1Mb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3201S UPI-QM3201S Datasheet
370Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3201 UNITPOWER-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKS3301 FETEK-FKS3301 Datasheet
581Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3303 FETEK-FKS3303 Datasheet
611Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
Ver : A
logo
Unitpower Technology Li...
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com