Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM8220N8 Datasheet(PDF) 5 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UM8220N8
Description  Dual N-Channel E nhancement Mode F ield E ffect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UM8220N8 Datasheet(HTML) 5 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UM8220N8 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UM8220N8 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UM8220N8 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UM8220N8 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd. UM8220N8 Datasheet HTML 5Page - ShenZhen XinDeYi Electronics Co., Ltd. UM8220N8 Datasheet HTML 6Page - ShenZhen XinDeYi Electronics Co., Ltd. UM8220N8 Datasheet HTML 7Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
5
4
3
2
1
0
0
2
4
6
8
10
12
14 16
VDS=10V
ID=4A
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
900
750
600
450
300
150
0
C iss
C oss
C rss
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
5
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
80
10
1
0.1
0.03
0.1
1
10
30 50
VGS=4V
S ingle P ulse
TA=25 C
10m
s
100
ms
1s
DC
R D
S (O
N)
Lim
it
100
10
1
1
6 10
60 100
60
600
300
600
V DS =10V ,ID=1A
V G S =
V
T D (o ff)
T f
T D (on)
T r
4
2
4
6
8
10
12
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RJA (t ) =
r
( t) * RJA
RJA =80°C/W
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 13. Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
P(pk)
t1
t2
T
-
J
TA = P * RJA(t)
Duty Cycle , D = t1 / t2
UM8220N8


Similar Part No. - UM8220N8

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM822JAE UNIONSEMI-UM822JAE Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
UM822JBE UNIONSEMI-UM822JBE Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
UM822JCE UNIONSEMI-UM822JCE Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
UM822LAE UNIONSEMI-UM822LAE Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
UM822LBE UNIONSEMI-UM822LBE Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
More results

Similar Description - UM8220N8

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM9926A SAMHOP-SDM9926A Datasheet
351Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STS8215 SAMHOP-STS8215 Datasheet
133Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
SDG8204 SAMHOP-SDG8204 Datasheet
368Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STF8220 SAMHOP-STF8220 Datasheet
676Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6962 SAMHOP-STM6962 Datasheet
459Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6968 SAMHOP-STM6968 Datasheet
91Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6922 SAMHOP-STM6922 Datasheet
142Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
logo
List of Unclassifed Man...
SDM6912 ETC-SDM6912 Datasheet
429Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
logo
SamHop Microelectronics...
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com