Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2305 Datasheet(PDF) 2 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # US2305
Description  P-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

US2305 Datasheet(HTML) 2 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  US2305 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. US2305 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. US2305 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. US2305 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-20
-
-
V
ΔB
VDSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
-0.1
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-4.5A
-
-
53
VGS=-4.5V, ID=-4.2A
-
-
65
VGS=-2.5V, ID=-2.0A
-
-
100
VGS=-1.8V, ID=-1.0A
-
-
250
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-0.5
-
-
V
gfs
Forward Transconductance
VDS=-5V, ID=-2.8A
-
9
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-20V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=55
oC)
VDS=-16V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=-4.2A
-
10.6
-
nC
Qgs
Gate-Source Charge
VDS=-16V
-
2.32
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
3.68
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
5.9
-
ns
tr
Rise Time
ID=-4.2A
-
3.6
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=-10V
-
32.4
-
ns
tf
Fall Time
RD=3.6Ω
-
2.6
-
ns
Ciss
Input Capacitance
VGS=0V
-
740
-
pF
Coss
Output Capacitance
VDS=-15V
-
167
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
126
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-1.2A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-4.2A, VGS=0V,
-
27.7
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
22
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 270℃/W when mounted on min. copper pad.
± 12V
±100
Unitpoower
US2305


Similar Part No. - US2305

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
US2305 UNITPOWER-US2305 Datasheet
994Kb / 4P
   P-Ch 20V Fast Switching MOSFETs
More results

Similar Description - US2305

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com