Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1707470000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1707470000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1707470000 Datasheet(HTML) 3 Page - Weidmuller

  1707470000 Datasheet HTML 1Page - Weidmuller 1707470000 Datasheet HTML 2Page - Weidmuller 1707470000 Datasheet HTML 3Page - Weidmuller 1707470000 Datasheet HTML 4Page - Weidmuller 1707470000 Datasheet HTML 5Page - Weidmuller 1707470000 Datasheet HTML 6Page - Weidmuller 1707470000 Datasheet HTML 7Page - Weidmuller 1707470000 Datasheet HTML 8Page - Weidmuller 1707470000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
6 mm
9 mm
0.5…4 mm2
0.5…4 mm2
AWG 22…12
0.5-1.0 Nm
1
4 mm2
380 V~
10 A
0.5 W
DK 4 PA
DK 4 PA
1537960000
1115460000
DK 4/35 PA
DK 4/35 PA
8203490000
1115560000
DK 4 RA
DK 4 RA
0690960000
0690960000
DK 4 RA/35
DK 4 RA/35
0691060000
0691060000
Type
Cat. No.
Qty.
TS 32
0122800000
2 m
TS 35 x 7.5
0383400000
2 m
TS 35 x 15
0498000000
2 m
EWK 1 (8.5)
0206160000
50
EW 35 (8.5)
0383560000
50
AP PA (1.5)
0359260000
20
TSch 4
0363360000
100
StB 8.5
0215700000
50
PS (ø 2.3)
0180400000
20
Q 2
0336400000
50
Q 3
0336500000
50
Q 4
0336600000
50
Q 10
0368600000
20
VL 2
0446700000
VH 10
0446600000
100
BS M 2.5 x 14
0266800000
100
AD 4
0303400000
50
BSK M 2.5 x 18
0303300000
100
QB 2*
0482700000
100
QB 3*
0482800000
50
QB 4*
0482900000
50
QB 75 blank*
0526400000
10
Insulation profile
0526700000
* Accessories see terminals catalogue
294
Dimensions
Terminal width
(+fitting tolerance 0.2)
Insulating stripping length
Connection data
Screw connection, solid
Screw connection, stranded
Conductor cross-section
Tightening torque range
Torque phase with
DMS 2 electric screwdriver
Rated data acc. to VDE
Rated cross-section
Rated voltage
Rated current
Power loss
Connection diagram
Ordering data
Terminal
for TS 32
Y
Type
Cat. No.
for TS 35
W
Type
Cat. No.
Matching contour frame
for TS 32
Y
Type
Cat. No.
for TS 35
W
Type
Cat. No.
Accessories
Mounting rail (2 m lenghts)
End bracket
for TS 32
(thickness mm)
for TS 35
End plate (thickness mm)
Partition
Socket for test plug
Test plug (pin diameter)
Cross-connection
2-pole
(preassembled)
3-pole
4-pole
10-pole
Switchable cross-connection bracket
Connection sleeve
Fixing screw
Cover plate (4 terminals)
Fixing screw (plastic)
Cross connection bridge
Terminals
DK 4
DKT 4
6 mm
9 mm
0.5…4 mm2
0.5…4 mm2
AWG 22…17
0.5 - 1.0 Nm
1
4 mm2
380 V~
10 A
0.5 W
DKT 4 PA
DKT 4 PA
1686940000
1115660000
DKT 4 /35PA
DKT 4/35 PA
0687460000
1115760000
Type
Cat. No.
Qty.
TS 32
0122800000
2 m
TS 35 x 7.5
0383400000
2 m
TS 35 x 15
0498000000
2 m
EWK 1 (8.5)
0206160000
50
EW 35 (8.5)
0383560000
50
AP PA (1.5)
0687560000
20
TSch 4
0363360000
100
QB 2*
0482700000
100
QB 3*
0482800000
50
QB 4*
0482900000
50
QB 75 blank*
0526400000
10
Insulation profile
0526700000
Housings


Similar Part No. - 1707470000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1707470000 WEIDMULLER-1707470000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 1707470000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com