Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US3407 Datasheet(PDF) 3 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # US3407
Description  P-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

US3407 Datasheet(HTML) 3 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  US3407 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. US3407 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. US3407 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. US3407 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
P-Ch 30V Fast Switching MOSFETs
Typical Characteristics
US3407
IF=-6.5A, dI/dt=100A/ s
0
5
10
15
20
25
30
012345
-VDS (Volts)
Figure 1: On-Region Characteristics
-4V
-4.5V
-10V
0
2
4
6
8
10
012345
-VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS=-5V
-40°C
20
40
60
80
100
0
2
4
6
8
10
-ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
VGS=-4.5V
VGS=-10V
0.6
0.8
1.0
1.2
1.4
1.6
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
-5V
VGS=-3.5V
-8V
VGS=-10V
ID=-4.3A
VGS=-4.5V
ID=-3A
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
-40°C
20
40
60
80
100
120
140
160
2
4
6
8
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID=-4.3A
25°C
125°C
-40°C


Similar Part No. - US3407

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
US3400 UNITPOWER-US3400 Datasheet
2Mb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
VBsemi Electronics Co.,...
US3400 VBSEMI-US3400 Datasheet
481Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
ShenZhen XinDeYi Electr...
US3401 XINDEYI-US3401 Datasheet
2Mb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
VBsemi Electronics Co.,...
US3401 VBSEMI-US3401 Datasheet
502Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
ShenZhen XinDeYi Electr...
US3404 XINDEYI-US3404 Datasheet
2Mb / 4P
   N-Ch 30V Fast Switching MOSFETs
More results

Similar Description - US3407

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
PKN3601 PACELEADER-PKN3601 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKN3107 FETEK-FKN3107 Datasheet
479Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3105 FETEK-FKS3105 Datasheet
612Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
   P-Ch 30V Fast Switching MOSFETs
Ver : B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com