Electronic Components Datasheet Search |
|
8426570000 Datasheet(PDF) 11 Page - Weidmuller |
|
8426570000 Datasheet(HTML) 11 Page - Weidmuller |
11 / 20 page 302 Locking socket RS 45 Strip profile RS 70 Locking socket Individual parts Dimensions) Fixing foot Spacer Printed circuit board Rated data Flammability acc. to UL level Upper temperature limit Ordering data String profile Fixing foot right, with marking facility Fixing foot right, without marking facility Fixing foot left, without marking facility Fixing foot middle (intermediate foot) Fixing foot (RS 80/RS 100) for TS 32/TS 35 Spacer 5 mm Spacer 15 mm Spacer 25 mm Spacer 30 mm Spacer 45 mm End plate for mounting on rail without cover End plate for direct mounting without cover End plate for mounting on rail with low cover End plate for direct mounting with low cover End plate for mounting on rail with high cover End plate for direct mounting with high cover Cover profile, low Cover profile, high Screws Accessories Insert tag (unprinted) Protective strip, transparent Total width: 45 mm Length: 1000 mm/2000 mm For horizontal insertion of a printed circuit board Width: 42 (+0.5) mm Thickness: 1.8 (+0.15) mm (DIN 40802 T. 2) Length: optional/60…2000 mm Dim. of RS section: printed circuit board length – 4.5 mm Dim. of ADP section: printed circuit board length – 1 mm Example: circuit board length 160 mm, RS = 155.5 mm, ADP = 159 mm V-0 / V-2 strip profile / accessories 70 °C Type Cat. No. Qty. RS 45 (up to 2000 mm) 4027750000 1 RS 45 (up to 1000 mm) 8140880000 1 AP 45/LI AP 45/RE 8143910000 8143900000 20 AP 45/LI Di AP 45/RE Di 8140870000 8140860000 20 30 x 14 4011200000 – Width: 10 mm Maß RF Width: 5 mm/15 mm/25 mm/30 mm/45 mm Dim. ZW Width: RS-Br.–2 mm (Ex.: RS=45 mm, LP=43 mm) Dim. A Length: 67.8 (–0.2 ) mm Dim. L Thickness: 1.6 (±0.2) mm (DIN 40802 Part 2) V-2 100 °C Type Cat. No. Qty. RFB 0119560000 RFO 0126260000 20 RF 0119660000 20 RFM 0213760000 20 ZW 5 0119760000 20 ZW 15 0119860000 20 ZW 25 0126160000 20 ZW 30 0119960000 20 ZW 45 0120060000 20 ESO 7 0515200000 – SSt 7 0515300000 100 AP 45 / LI AP 45 / LI Di AP 45/RE Di AP 45/RE Housings |
Similar Part No. - 8426570000 |
|
Similar Description - 8426570000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |