Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87540 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP87540
Description  CMOS 8-bit Single Chip Microcomputer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87540 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP87540 Datasheet HTML 7Page - Sony Corporation CXP87540 Datasheet HTML 8Page - Sony Corporation CXP87540 Datasheet HTML 9Page - Sony Corporation CXP87540 Datasheet HTML 10Page - Sony Corporation CXP87540 Datasheet HTML 11Page - Sony Corporation CXP87540 Datasheet HTML 12Page - Sony Corporation CXP87540 Datasheet HTML 13Page - Sony Corporation CXP87540 Datasheet HTML 14Page - Sony Corporation CXP87540 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
– 11 –
CXP87532/87540
Pin
Circuit format
When reset
Port K
Port K
Hi-Z
Hi-Z
Hi-Z
Hi-Z
PK1/MCLK
1 pin
PK2
to
PK3
2 pins
CS0
SI0
2 pins
SO0
1 pin
Hi-Z
SCK0
1 pin
Data bus
RD (Port K)
Port K direction
Port K data
IP
Input protection
circuit
(Every bit)
Servo input
TTL schmitt input can be selected
with the mask option.
Data bus
RD (Port K)
Port K direction
Port K data
IP
(Every bit)
IP
Schmitt input
To SI0
SO0 output enable
SO0 from SI0
SCK0 output enable
Internal serial clock
from SI0
IP
Schmitt input
External serial clock to SI0


Similar Part No. - CXP87540

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87500 SONY-CXP87500 Datasheet
258Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP875P40 SONY-CXP875P40 Datasheet
516Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP87540

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com