Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC200A Datasheet(PDF) 9 Page - Littelfuse

Part # 1.5SMC200A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5SMC200A Datasheet(HTML) 9 Page - Littelfuse

Back Button 1.5SMC200A Datasheet HTML 5Page - Littelfuse 1.5SMC200A Datasheet HTML 6Page - Littelfuse 1.5SMC200A Datasheet HTML 7Page - Littelfuse 1.5SMC200A Datasheet HTML 8Page - Littelfuse 1.5SMC200A Datasheet HTML 9Page - Littelfuse 1.5SMC200A Datasheet HTML 10Page - Littelfuse 1.5SMC200A Datasheet HTML 11Page - Littelfuse 1.5SMC200A Datasheet HTML 12Page - Littelfuse 1.5SMC200A Datasheet HTML 13Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 146 page
background image
5
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
5
Surface Mount - Standard Applications (400 - 5000W)
RoHS
SMAJ series, Surface Mount - 400W
7
RoHS
P4SMA series, Surface Mount - 400W
13
RoHS
SACB series, Surface Mount - 500W
19
RoHS
SMBJ series, Surface Mount - 600W
23
RoHS
P6SMB series, Surface Mount - 600W
29
RoHS
1KSMB series, Surface Mount - 1000W
35
RoHS
SMCJ series, Surface Mount - 1500W
41
RoHS
1.5SMC series, Surface Mount - 1500W
45
RoHS
SMDJ series, Surface Mount - 3000W
51
RoHS
5.0SMDJ series, Surface Mount - 5000W
57
Axial Leaded - Standard Applications (400 - 5000W)
RoHS
P4KE series, Axial Leaded - 400W
63
RoHS
SA series, Axial Leaded - 500W
69
RoHS
SAC series, Axial Leaded - 500W
75
RoHS
P6KE series, Axial Leaded - 600W
79
RoHS
1.5KE series, Axial Leaded - 1500W
85
RoHS
LCE series, Axial Leaded - 1500W
91
RoHS
3KP series, Axial Leaded - 3000W
97
RoHS
5KP series, Axial Leaded - 5000W
103
Axial Leaded - High Power Applications (15000 - 30000W and 6 - 10kA)
RoHS
15KPA series, Axial Leaded - 15000W
109
RoHS
20KPA series, Axial Leaded - 20000W
115
RoHS
30KPA series, Axial Leaded - 30000W
121
RoHS
AK6 series, Axial Leaded - 6kA
127
RoHS
AK10 series, Axial Leaded -10kA
131
Axial Leaded - Automotive Applications
RoHS
SLD series, Axial Leaded - 2200W
135
Data Sheet Table of Contents
TVS Diode Products


Similar Part No. - 1.5SMC200A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC200A CENTRAL-1.5SMC200A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
SUNMATE electronic Co.,...
1.5SMC200A SUNMATE-1.5SMC200A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1.5SMC200A MDE-1.5SMC200A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5SMC200A VISHAY-1.5SMC200A Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
1.5SMC200A VISHAY-1.5SMC200A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC200A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com