Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0590080000 Datasheet(PDF) 7 Page - Weidmuller

Part # 0590080000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0590080000 Datasheet(HTML) 7 Page - Weidmuller

Back Button 0590080000 Datasheet HTML 3Page - Weidmuller 0590080000 Datasheet HTML 4Page - Weidmuller 0590080000 Datasheet HTML 5Page - Weidmuller 0590080000 Datasheet HTML 6Page - Weidmuller 0590080000 Datasheet HTML 7Page - Weidmuller 0590080000 Datasheet HTML 8Page - Weidmuller 0590080000 Datasheet HTML 9Page - Weidmuller 0590080000 Datasheet HTML 10Page - Weidmuller 0590080000 Datasheet HTML 11Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
130
Feed-through terminals (spring-loaded)
11/77/72.5
12 mm
500 / 41 A
6
6 kV/3
0.75...16
0.75...10
Y
Qty. Y
Qty.
0623320000*200623120000**20
Type
Cat. No.
Qty.
AP (3.0)
0301420000
10
QL 2
0267400000 50
QL 3
0267500000 50
QL 4
0267600000 50
QL 10
0341700000 20
BS M 4x6
0149700000 100
SB 14
0135300000100
BST 1
3878060000 20
PS 4
0299600000 20
StB 17
0147100000 50
r
8/50/60
8/50/53
12 mm
630 V/32 A
4
6 kV/3
0.5…1.0
2
0.5…4
0.5…4
Y
Qty. W
Qty.
0497560000 50 9501160000 50
0497520000 50
Type
Cat. No.
Qty.
AP (3)
0270460000 10
TW (1.5)
3877960000 10
TW (2)
3833500000 20
TW (0.5)
0474700000 20
TSch 1
0319160000100
QL 2
0194300000 50
QL 3
0194400000 50
QL 4
0194500000 50
QL 10
0338300000 10
VH 13.5
0248500000100
BS M 3x20
0303000000 100
VH 2
0194700000 50
VH 21
0309600000100
BS M 3x20
0296200000 50
SS
0164400000 50
PS 2.3
0180400000 50
StB 14
0168600000 50
ADP 2
0485300000
1
DEK
see “Accessories”
a r
11/50/60
12 mm
500 V/57 A
10
6 kV / 3
0.5…10
0.5…10
Y
Qty. W
Qty.
0270320000 50
Type
Cat. No.
Qty.
AP (3)
0270420000 10
TW (2)
3833500000 20
TW (0.5)
0474700000 20
QL 2
0194300000 50
QL 3
0194400000 50
QL 4
0194500000 50
QL 10
0338300000 10
VH 17.5
0285200000 50
BS M 3x25
0292500000 100
SS
0164400000 50
QS 4
0369760000 10
VH 2
0528400000 50
VH 27
0309400000 50
BS M 3x25
0309800000 50
SS
0164400000 50
PS 2.4
0299600000 20
StB 18
0286500000 20
ADP 2
0485300000
1
DEK
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/-current
Rated cross-section
mm2
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
PA
KrG
End plate/partition/small partition
AP
TW
TSch 1
PA
KrG
PA
HP
HP
PA
Cross-connection
QL
VH
SS
2-pole
3-pole
4-pole
10-pole
BS M 3 x ...
Switchable cross-connection link
VH 21
Dummy plug
made from plastic,
to keep the place of an
extracted plug
Test plug/socket
PS
StB
Plug-testsocket (QL cannot be used)
Cover plate
Marking tags
Print
Standard
Y
Y
RSF 3
RSF 3/35
RSF 1
* with disconnector (73 mm height)
** Disconnector with handle (86 mm height)
Y
RSF 2
Disconnect test terminal


Similar Part No. - 0590080000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
0590-0035 KEYSIGHT-0590-0035 Datasheet
845Kb / 6P
   8761A/B Microwave Switches
July 5, 2017
logo
Littelfuse
05903 LITTELFUSE-05903 Datasheet
158Kb / 3P
   24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY
2022 Littelfuse, Inc.
05903300 LITTELFUSE-05903300 Datasheet
93Kb / 1P
   A remote control switch for automotive users
05903300 LITTELFUSE-05903300 Datasheet
158Kb / 3P
   24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY
2022 Littelfuse, Inc.
05903500 LITTELFUSE-05903500 Datasheet
93Kb / 1P
   A remote control switch for automotive users
More results

Similar Description - 0590080000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com