Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201362 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0201362
Description  Insertion bridge - EB 2-25/UKH - 0201362
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201362 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0201362 Datasheet HTML 1Page - PHOENIX CONTACT 0201362 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0201362
14.05.2012   Page 1 / 2
Insertion bridge - EB 2-25/UKH - 0201362
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Insertion bridge, Number of positions: 2, Color: gray
Product description
Insertion bridge, Number of positions: 2, Color: gray
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 31 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
76.02 GRM
Country of origin
GERMANY
Technical data
Product type
Bridge
Classifications
eclass
eClass 4.0
27141199
eClass 4.1
27141199
eClass 5.0
27141140
eClass 5.1
27141140
eClass 6.0
27141140
etim
ETIM 2.0
EC000489
ETIM 3.0
EC000489
ETIM 4.0
EC000489
unspsc
UNSPSC 6.01
30211829


Similar Part No. - 0201362

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
logo
PHOENIX CONTACT
0201304 PHOENIX-0201304 Datasheet
58Kb / 2P
   Female test connector - PSBJ 3/13/4 - 0201304
0201317 PHOENIX-0201317 Datasheet
46Kb / 2P
   Fixed bridge - FBI 3-20
12/09/2015
logo
SUYIN USA, INC.
020131MB SUYIN-USA-020131MB Datasheet
131Kb / 1P
   USB A TYPE R/A SMD TYPE (REVERSED TYPE)
More results

Similar Description - 0201362

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201401 PHOENIX-0201401 Datasheet
57Kb / 2P
   Insertion bridge - EB 2-36/UKH
0201375 PHOENIX-0201375 Datasheet
46Kb / 2P
   Insertion bridge - EB 3-25/UKH - 0201375
0201391 PHOENIX-0201391 Datasheet
46Kb / 2P
   Insertion bridge - EB 3-31/UKH
0201414 PHOENIX-0201414 Datasheet
49Kb / 2P
   Insertion bridge - EB 3-36/UKH
12/09/2015
3260157 PHOENIX-3260157 Datasheet
43Kb / 2P
   Insertion bridge - EB 2-25/PT
3048412 PHOENIX-3048412 Datasheet
43Kb / 2P
   Insertion bridge - EB 25-40
1401158 PHOENIX-1401158 Datasheet
45Kb / 2P
   Insertion bridge - EB 2- 5
0203166 PHOENIX-0203166 Datasheet
43Kb / 2P
   Insertion bridge - EB 2-15
3260161 PHOENIX-3260161 Datasheet
58Kb / 3P
   Insertion bridge - EB 4-25/PT
09/12/2020
3260160 PHOENIX-3260160 Datasheet
44Kb / 2P
   Insertion bridge - EB 3-25/PT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com