Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RB50 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT46RB50_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
HT46RB50
Rev. 1.40
10
February 23, 2012
The internal Timer/Event Counter 0 interrupt is initialized
by setting the Timer/Event Counter 0 interrupt request
flag (bit 5 of the INTC0), caused by a Timer 0 overflow.
When the interrupt is enabled, the stack is not full and the
T0F bit is set, a subroutine call to location 08H will occur.
The related interrupt request flag (T0F) will be reset and
the EMI bit cleared to disable further interrupts.
The internal Timer/Event Counter 1 interrupt is initialized
by setting the Timer/Event Counter 1 interrupt request
flag (bit 6 of the INTC0), caused by a Timer 1 overflow.
When the interrupt is enabled, the stack is not full and the
T1F is set, a subroutine call to location 0CH will occur.
The related interrupt request flag (T1F) will be reset and
the EMI bit cleared to disable further interrupts.
USB interrupts are triggered by the following USB
events and the related interrupt request flag (USBF; bit
4 of the INTC1) will be set.
· The access of the corresponding USB FIFO from PC
· The USB suspend signal from the PC
· The USB resume signal from the PC
· USB Reset signal
When the interrupt is enabled, the stack is not full and
the external interrupt is active, a subroutine call to loca-
tion 10H will occur. The interrupt request flag (USBF)
and EMI bits will be cleared to disable other interrupts.
When PC Host access the FIFO of the HT46RB50, the
corresponding request bit of USR is set, and a USB inter-
rupt is triggered. So user can easily determine which FIFO
is accessed. When the interrupt has been served, the cor-
responding bit should be cleared by firmware. When the
HT46RB50 receives a USB Suspend signal from the Host
PC, the suspend line (bit0 of the USC) of the HT46RB50 is
set and a USB interrupt is also triggered.
Also when the HT46RB50 receives a Resume signal
from the Host PC, the resume line (bit3 of the ) of the
HT46RB50 is set and a USB interrupt is triggered.
Whenever a USB reset signal is detected, a USB inter-
rupt is triggered.
The A/D converter interrupt is controlled by setting the
A/D interrupt control bit (EADI; bit 1 of the INTC1). When
the interrupt is enabled, the stack is not full and the A/D
conversion is finished, a subroutine call to location 14H
will occur. The related interrupt request flag ADF (bit5 of
the INTC1) will be reset and the EMI bit cleared to dis-
able further interrupts.
The serial interface interrupt is indicated by the interrupt
flag (SIF; bit 6 of the INTC1), that is caused by a recep-
tion or a complete transmission of an 8-bit data between
the HT46RB50 and an external device. The serial inter-
face interrupt is controlled by setting the Serial interface
interrupt control bit (ESII ; bit 2 of the INTC1). After the
interrupt is enabled (by setting SBEN; bit 4 of the
SBCR), and the stack is not full and the SIF is set, a sub-
routine call to location 18H occurs.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enable; 0= disable)
1
EEI
Controls the external interrupt (1= enable; 0= disable)
2
ET0I
Controls the Timer/Event Counter 0 interrupt (1= enable; 0= disable)
3
ET1I
Controls the Timer/Event Counter 1 interrupt (1= enable; 0= disable)
4
EIF
External interrupt request flag (1= active; 0= inactive)
5
T0F
Internal Timer/Event Counter 0 request flag (1= active; 0= inactive)
6
T1F
Internal Timer/Event Counter 1 request flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC0 (0BH) Register
Bit No.
Label
Function
0
EUI
Control the USB interrupt (1= enable; 0= disable)
1
EADI
Control the A/D converter interrupt (1= enable; 0=disable)
2
ESII
Control Serial interface interrupt (1= enable; 0= disable)
3, 7
¾
Unused bit, read as
²0²
4
USBF
USB interrupt request flag (1= active; 0= inactive)
5
ADF
A/D converter request flag (1= active; 0= inactive)
6
SIF
Serial interface interrupt request flag (1= active; 0= inactive)
INTC1 (1EH) Register


Similar Part No. - HT46RB50_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50_14 Datasheet
951Kb / 50P
   28-pin SOP/SKDIP竊?8-pin SSOP
More results

Similar Description - HT46RB50_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50_06 Datasheet
415Kb / 53P
   A/D Type USB 8-Bit MCU
HT46RB70 HOLTEK-HT46RB70 Datasheet
373Kb / 53P
   A/D Type USB 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com