Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46CU66 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46CU66
Description  A/D Type 8-Bit MCU with LCD
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46CU66 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46CU66_11 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46CU66_11 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB1
Standby Current
(*fS=T1)
3V
No load, system HALT,
LCD Off at HALT, UART Off
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, C type,
UART Off
¾
2.5
5
mA
5V
¾
10
20
mA
ISTB3
Standby Current
(*fS=WDT OSC)
3V
No load, system HALT,
LCD On at HALT, C type,
UART Off
¾
25
mA
5V
¾
610
mA
ISTB4
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/2 bias, VLCD=VDD,
UART Off
(Low bias current option)
¾
17
30
mA
5V
¾
34
60
mA
ISTB5
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/3 bias, VLCD=VDD,
UART Off
(Low bias current option)
¾
13
25
mA
5V
¾
28
50
mA
ISTB6
Standby Current
(*fS=WDT OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/2 bias, VLCD=VDD,
`UART Off
(Low bias current option)
¾
14
25
mA
5V
¾
26
50
mA
ISTB7
Standby Current
(*fS=WDT OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/3 bias, VLCD=VDD,
UART Off
(Low bias current option)
¾
10
20
mA
5V
¾
19
40
mA
VIL1
Input Low Voltage for I/O Ports,
TMR0, TMR1, INT0 and INT1
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR0, TMR1, INT0 and INT1
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾¾
2.7
3.0
3.3
V
VLVD
Low Voltage Detector Voltage
¾¾
3.0
3.3
3.6
V
VAD
A/D Input Voltage
¾
52QFP, 56SSOP
0
¾
AVDD
V
100QFP
0
¾
VREF
V
VREF
ADC Input Reference Voltage
Range
¾
AVDD=3V
1.3
¾
AVDD
V
AVDD=5V
1.5
¾
AVDD
V
IOL1
I/O Port Segment Logic Output
Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH1
I/O Port Segment Logic Output
Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
IOL2
LCD Common and Segment
Current
3V
VOL=0.1VDD
210
420
¾mA
5V
350
700
¾mA
IOH2
LCD Common and Segment
Current
3V
VOH=0.9VDD
-80
-160
¾mA
5V
-180
-360
¾mA
HT46RU66/HT46CU66
Rev. 1.30
6
May 25, 2011


Similar Part No. - HT46CU66_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46CU66 HOLTEK-HT46CU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46CU66 HOLTEK-HT46CU66 Datasheet
1Mb / 69P
   HT46RU66_14
More results

Similar Description - HT46CU66_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com