Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C50-1 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48C50-1
Description  I/O Type 8-Bit MCU
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C50-1 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48C50-1_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C50-1_09 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
HT48R50A-1/HT48C50-1
Rev. 2.01
10
January 9, 2009
During the execution of an interrupt subroutine, other in-
terrupt acknowledge signals are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an in-
terrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
No.
Interrupt Source
Priority Vector
a
External Interrupt
1
04H
b
Timer/Event Counter 0 Overflow
2
08H
c
Timer/Event Counter 1 Overflow
3
0CH
The Timer/Event Counter 0/1 interrupt request flag
(T0F/T1F), external interrupt request flag (EIF), enable
Timer/Event Counter 0/1 interrupt bit (ET0I/ET1I), en-
able external interrupt bit (EEI) and enable master inter-
rupt bit (EMI) constitute an interrupt control register
(INTC) which is located at 0BH in the data memory. EMI,
EEI, ET0I and ET1I are used to control the enabling or
disabling of interrupts. These bits prevent the requested
interrupt from being serviced. Once the interrupt request
flags (T0F, T1F, EIF) are set, they will remain in the INTC
register until the interrupts are serviced or cleared by a
software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. In-
terrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications.
If only one stack is left and enabling the interrupt is not
well controlled, the original control sequence will be dam-
aged once the
²CALL² operates in the interrupt subrou-
tine.
Oscillator configuration
There are 3 oscillator circuits in the microcontroller.
All of them are designed for system clocks, namely the
external RC oscillator, the external Crystal oscillator and
the internal RC oscillator, which are determined by op-
tions. No matter what oscillator type is selected, the sig-
nal provides the system clock. The HALT mode stops
the system oscillator and ignores an external signal to
conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VDD is required and the resistance must
range from 24k
W to 1MW. The system clock, divided by
4, is available on OSC2, which can be used to synchro-
nize external logic. The RC oscillator provides the most
cost effective solution. However, the frequency of oscil-
lation may vary with VDD, temperatures and the chip it-
self due to process variations. It is, therefore, not
suitable for timing sensitive operations where an accu-
rate oscillator frequency is desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator. No other external compo-
nents are required. In stead of a crystal, a resonator can
also be connected between OSC1 and OSC2 to get a
frequency reference, but two external capacitors in
OSC1 and OSC2 are required. If the internal RC oscilla-
tor is used, the OSC1 and OSC2 can be selected as
general I/O lines or an 32768Hz crystal oscillator (RTC
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enabled; 0= disabled)
1
EEI
Controls the external interrupt (1= enabled; 0= disabled)
2
ET0I
Controls the Timer/Event Counter 0 interrupt (1= enabled; 0= disabled)
3
ET1I
Controls the Timer/Event Counter 1 interrupt (1= enabled; 0= disabled)
4
EIF
External interrupt request flag (1= active; 0= inactive)
5
T0F
Internal Timer/Event Counter 0 request flag (1= active; 0= inactive)
6
T1F
Internal Timer/Event Counter 1 request flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC (0BH) Register
C r y s t a l O s c i l l a t o r
( I n c l u d e 3 2 7 6 8 H z )
R C O s c i l l a t o r
O S C 1
O S C 2
N M O S O p e n D r a i n
O S C 2
f S Y S / 4
4 7 0 p F
V D D
O S C 1
System Oscillator


Similar Part No. - HT48C50-1_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C50-1 HOLTEK-HT48C50-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48C50-1_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com