Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201663 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0201663
Description  Insulating sleeve - MPS-IH WH - 0201663
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201663 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0201663 Datasheet HTML 1Page - PHOENIX CONTACT 0201663 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0201663
14.05.2012   Page 1 / 2
Insulating sleeve - MPS-IH WH - 0201663
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Insulating sleeve, Color: white
Illustration of color insulating
sleeves for MPS metal part
Product description
Insulating sleeve, Color: white
Why buy this product
 Two-piece test plug for individual plug color combinations
 The test plugs are inserted in the function shaft of terminal blocks from the CLIPLINE complete system or in the test connections
provided
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 394 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
0.28 GRM
Country of origin
POLAND
Technical data
Product type
Test plug terminal block
Classifications
eclass
eClass 4.0
27141199
eClass 4.1
27141199
eClass 5.0
27141145
eClass 5.1
27141145
eClass 6.0
27141116


Similar Part No. - 0201663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201663 PHOENIX-0201663 Datasheet
125Kb / 7P
   PIT 4-DIO 1N 5408/L-R
0201663 PHOENIX-0201663 Datasheet
180Kb / 13P
   Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0201663 PHOENIX-0201663 Datasheet
145Kb / 4P
   ICV 2,5 HC/ 8-G-5,08
0201663 PHOENIX-0201663 Datasheet
95Kb / 4P
   SPV 2,5/ 1-L GNYE
0201663 PHOENIX-0201663 Datasheet
118Kb / 6P
   PIT 2,5-QUATTRO-DIO/L-R
More results

Similar Description - 0201663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201676 PHOENIX-0201676 Datasheet
47Kb / 2P
   Insulating sleeve - MPS-IH RD - 0201676
0201731 PHOENIX-0201731 Datasheet
47Kb / 2P
   Insulating sleeve - MPS-IH BK - 0201731
0311579 PHOENIX-0311579 Datasheet
48Kb / 2P
   Insulating sleeve - PS-IH RD - 0311579
0311634 PHOENIX-0311634 Datasheet
49Kb / 2P
   Insulating sleeve - PS-IH BK - 0311634
1670497 PHOENIX-1670497 Datasheet
46Kb / 2P
   Insulating sleeve - PT/FS 4,8
logo
List of Unclassifed Man...
SAB4-G ETC1-SAB4-G Datasheet
246Kb / 1P
   plugs with rigid insulating sleeve. Machined brass. The socket
logo
Toshiba Semiconductor
TA8331AN TOSHIBA-TA8331AN Datasheet
860Kb / 25P
   IH APPLIAMCE CONTROLLER
logo
Switchcraft, Inc.
S4263 SWITCH-S4263 Datasheet
71Kb / 2P
   INSULATING WASHER
logo
List of Unclassifed Man...
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
   STANDARD INSULATING BUSHINGS
logo
PHOENIX CONTACT
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
   Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com