Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49R50A-1 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT49R50A-1
Description  LCD Type 8-Bit MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50A-1 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT49R50A-1_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R50A-1_12 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
A.C. Characteristics
VDD=1.5V for HT49C50L, VDD=3V&VDD=5V for HT49R50A-1 and HT49C50-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
¾
1.2V~2.2V (for HT49C50L)
400
¾
500
kHz
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fSYS2
System Clock
(RC OSC)
¾
1.2V~2.2V (for HT49C50L)
400
¾
500
kHz
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fSYS3
System Clock
(32768Hz Crystal OSC)
¾¾
¾
32768
¾
Hz
fRTCOSC RTC Frequency
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
¾
1.2V~2.2V (for HT49C50L)
0
¾
500
kHz
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC Watchdog Oscillator Period
1.5V
¾
35
70
140
ms
3V
45
90
180
ms
5V
32
65
130
ms
tRES
External Reset Low Pulse Width
¾
For HT49C50L
10
¾¾
ms
For HT49R50A-1/HT49C50-1
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
*tSYS
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tINT
Interrupt Pulse Width
¾
For HT49C50L
10
¾¾
ms
For HT49R50A-1/HT49C50-1
1
¾¾
ms
Note:
*tSYS= 1/fSYS1, 1/fSYS2 or 1/fSYS3
HT49R50A-1/HT49C50-1/HT49C50L
Rev. 2.40
7
July 30, 2012


Similar Part No. - HT49R50A-1_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49R50A-1_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com