Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R24 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT56R24
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R24 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT56R24_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R24_12 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 134 page
background image
Note:
I/T: Input type; O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option
ST: Schmitt Trigger input; CMOS: CMOS output; AN: analog input
SCOM= software controlled LCD COM
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
HT56R23/HT56R24
Pin Name
Function
OPT
I/T
O/T
Description
PA0/AN0
PA0
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
AN0
ADCR
AN
¾
A/D channel 0
PA1/AN1
PA1
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
AN1
ADCR
AN
¾
A/D channel 1
PA2/AN2
PA2
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
AN2
ADCR
AN
¾
A/D channel 2
PA3/PFD/AN3
PA3
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
PFD
CO
PINMAP
ST
¾
PFD output
AN3
ADCR
AN
¾
A/D channel 3
PA4/INT0/AN4/VDDIO
PA4
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
INT0
PINMAP
ST
¾
External interrupt 0 input
AN4
ADCR
AN
¾
A/D channel 4
VDDIO
CO
PWR
¾
VDDIO power input
PA5/TC0/SDO1/AN5
PA5
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
TC0
PINMAP
ST
¾
External Timer 0 clock input
SDO1
CO
SPICTL0
¾
CMOS
SPI1 serial data output
AN5
ADCR
AN
¾
A/D channel 5
PA6/INT1/SDI1/AN6
PA6
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
INT1
PINMAP
ST
¾
External interrupt 1 input
SDI1
CO
SPICTL0
¾
CMOS
SPI1 serial data input
AN6
ADCR
AN
¾
A/D channel 6
PA7/TC1/SCK1/AN7
PA7
PAWK
ST
CMOS
General purpose I/O. Register enabled wake-up.
TC1
PINMAP
ST
¾
External Timer 1 clock input
SCK1
CO
SPICTL0
ST
CMOS
SPI1 serial clock input or output
AN7
ADCR
AN
¾
A/D channel 7
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.10
7
May 22, 2012


Similar Part No. - HT56R24_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R24 HOLTEK-HT56R24 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R24 HOLTEK-HT56R24 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Similar Description - HT56R24_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com