Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M99E Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82M99E
Description  USB Mouse Encoder 8-Bit MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99E Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82M99E_11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82M99E_11 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
HT82M99E/HT82M99A
Rev. 2.60
11
April 1, 2011
by 256 (8-stage) to get the nominal time-out period of
8ms/5V. This time-out period may vary with tempera-
tures, VDD and process variations. By invoking the
WDT prescaler, longer time-out periods can be realized.
Writing data to WS2, WS1, WS0 (bits 2, 1, 0 of the
WDTS) can give different time-out periods. If WS2,
WS1, and WS0 are all equal to 1, the division ratio is up
to 1:128, and the maximum time-out period is 1s/5V. If
the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operates in the
same manner except that in the HALT state the WDT
may stop counting and lose its protecting purpose. In
this situation the logic can only be restarted by external
logic. The high nibble and bit 3 of the WDTS are re-
served for user defined flags, which can only be set to
²10000² (WDTS.7~WDTS.3).
If the device operates in a noisy environment, using the
on-chip 32kHz RC oscillator (WDT OSC) is strongly rec-
ommended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit ²TO². But in the
HALT mode, the overflow will initialize a
²warm reset²
and only the program counter and SP are reset to zero.
To clear the contents of the WDT (including the WDT
prescaler), three methods are adopted; external reset (a
low level to RES), software instruction and a
²HALT² in-
struction. The software instruction include
²CLR WDT²
and the other set
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the ROM code option
-²CLR WDT times se-
lection option
².Ifthe ²CLR WDT² is selected (i.e.
CLRWDT times is equal to one), any execution of the
²CLR WDT² instruction will clear the WDT. In the case
that
²CLR WDT² and ²CLR WDT² are chosen (i.e.
CLRWDT times is equal to two), these two instructions
must be executed to clear the WDT; otherwise, the WDT
may reset the chip as a result of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following:
· The system oscillator will be turned off but the WDT
oscillator remains running (if the WDT oscillator is se-
lected).
· The contents of the on-chip RAM and registers remain
unchanged.
· The WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports remain in their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the cause for chip reset can be determined.
The PDF flag is cleared by a system power-up or exe-
cuting the
²CLR WDT² instruction and is set when exe-
cuting the
²HALT² instruction. The TO flag is set if the
WDT time-out occurs, and causes a wake-up that only
resets the program counter and SP; the others remain in
their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake-up the
device by mask option. Awakening from an I/O port stim-
ulus, the program will resume execution of the next in-
struction. If it awakens from an interrupt, two sequence
may occur. If the related interrupt is disabled or the inter-
rupt is enabled but the stack is full, the program will re-
sume execution at the next instruction. If the interrupt is
enabled and the stack is not full, the regular interrupt re-
sponse takes place. If an interrupt request flag is set to
²1² before entering the HALT mode, the wake-up func-
tion of the related interrupt will be disabled. Once a
wake-up event occurs, it takes 1024 tSYS (system clock
period) to resume normal operation. In other words, a
dummy period will be inserted after a wake-up. If the
wake-up results from an interrupt acknowledge signal,
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
R O M
C o d e
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer


Similar Part No. - HT82M99E_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M99E-18 HOLTEK-HT82M99E-18 Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
More results

Similar Description - HT82M99E_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
   USB Mouse Encoder 8-Bit MCU
HT82M9BE HOLTEK-HT82M9BE_08 Datasheet
294Kb / 44P
   USB Mouse Encoder 8-Bit MCU
HT82M99EE HOLTEK-HT82M99EE_08 Datasheet
326Kb / 44P
   USB Mouse Encoder 8-Bit MCU
HT82M9AE HOLTEK-HT82M9AE_09 Datasheet
291Kb / 46P
   USB Mouse Encoder 8-Bit MCU
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
HT82M9BEE HOLTEK-HT82M9BEE_08 Datasheet
305Kb / 44P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82M9AEE HOLTEK-HT82M9AEE Datasheet
315Kb / 48P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82M9BEE HOLTEK-HT82M9BEE Datasheet
323Kb / 47P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82J97E HOLTEK-HT82J97E_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com