Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0565200000 Datasheet(PDF) 9 Page - Weidmuller

Part # 0565200000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0565200000 Datasheet(HTML) 9 Page - Weidmuller

Back Button 0565200000 Datasheet HTML 5Page - Weidmuller 0565200000 Datasheet HTML 6Page - Weidmuller 0565200000 Datasheet HTML 7Page - Weidmuller 0565200000 Datasheet HTML 8Page - Weidmuller 0565200000 Datasheet HTML 9Page - Weidmuller 0565200000 Datasheet HTML 10Page - Weidmuller 0565200000 Datasheet HTML 11Page - Weidmuller 0565200000 Datasheet HTML 12Page - Weidmuller 0565200000 Datasheet HTML 13Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
132
Feed-through terminals
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Type
KrG
End plate, hard paper
0205100000
0205200000
tropic-proof
0180700000, 0205300000
0180800000, 0205400000 tropic-proof
Partition, hard paper (thickness in mm)
0151400000
0164600000
tropic-proof
0177100000 B/L/H (incl. TS 32) mm
0179900000 B/L/H (incl. TS 35) mm
Cross-connection
2-pole
3-pole
4-pole
Cover
Marking tags
Print
DEK
Standard
Terminals/Accessories
SAKG 28 I
SAKG 28 II
The Weidmüller SAKG range offers the fol-
lowing connection variants:
• clamping yoke/flat lug as a combination,
Version I.
• flat lug, Version II.
Two types of threading are provided
here.
a) screw set with lock nut
b) with thread in busbar
• clamping yoke connection, Version III.
The stripped conductor can be connec-
ted without further preparation.
Versions
Version I
Version II
without thread
Version II G
Version III
with thread
Cables with cable lugs are connected to
SAKG terminals of Version I and to SS
stud terminals.
Fitting instructions for SAKG terminals
When tightening the clamping screw, it is
recommended that the conductor be held
against the direction of tightening to pre-
vent deformation of the mounting rail and
so as not to place the terminal foot under
undue torsional forces.
Cover
To ensure shock protection following
connections of conductors, AH covers
can be clipped onto the terminal.
a r # u
28/70/63.5
15 mm/M 6/–
1000 V*/125 A/35 mm2
8 kV/3
3…6
6…35
6…35
10…35
6…35
B 9
125 A/35 mm2
(QL 2) 125
600 V/95 A/2 AWG
600 V/110 A/6…1 AWG
Y
Cat. No.
Qty.
0170020000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205100000 10
EP 1 (2)
0205200000 10
W
Cat. No.
Qty.
Y
Qty.
TW 1 (2)
0151400000 10
TW 1 (2)
0164600000 10
2/120/75.5
QL 2
0193900000
5
QL 3
0407600000
5
QL 4
0407700000
5
AH 28
0326660000
5
DEK 5
see “Accessories”
a r # u DNV
28/70/53
–/M 6/–
1000 V*/125 A/35 mm2
8 kV/3
3…6
125 A/35 mm2
(QL 2) 125
600 V/115 A/2 AWG
600 V/110 A/6…1 AWG
Y
Cat. No.
Qty.
0170320000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205100000 10
EP 1 (2)
0205200000 10
W
Cat. No.
Qty.
Y
Qty.
TW 1 (2)
0151400000 10
TW 1 (2)
0164600000 10
2/120/75.5
QL 2
0193900000
5
QL 3
0407600000
5
QL 4
0407700000
5
AH 28
0326660000
5
DEK 5
see “Accessories”
Y
Y
During conductor connection, observe clearance and creepage distances. Insert partitions if necessary.
Mounting rails, end brackets, further marking material see “Accessories”


Similar Part No. - 0565200000

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05654.63.10 GENERAL-05654.63.10 Datasheet
73Kb / 1P
   Type SRDT . 50 Amps . 60?C . 300 Volts
logo
Weidmuller
0565460000 WEIDMULLER-0565460000 Datasheet
58Kb / 2P
   Special terminal, special connections, Clamping yoke, Busbar
0565480000 WEIDMULLER-0565480000 Datasheet
495Kb / 1P
   Screw Clamp 35 mm DIN-Rail Terminals
0565480000 WEIDMULLER-0565480000 Datasheet
58Kb / 2P
   Special terminal, special connections, Clamping yoke, Busbar
logo
General Cable Technolog...
05656.63.10 GENERAL-05656.63.10 Datasheet
73Kb / 1P
   Type SRDT . 50 Amps . 60?C . 300 Volts
More results

Similar Description - 0565200000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com