Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP88220 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP88220
Description  CMOS 8-bit Single Chip Microcomputer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88220 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP88220 Datasheet HTML 3Page - Sony Corporation CXP88220 Datasheet HTML 4Page - Sony Corporation CXP88220 Datasheet HTML 5Page - Sony Corporation CXP88220 Datasheet HTML 6Page - Sony Corporation CXP88220 Datasheet HTML 7Page - Sony Corporation CXP88220 Datasheet HTML 8Page - Sony Corporation CXP88220 Datasheet HTML 9Page - Sony Corporation CXP88220 Datasheet HTML 10Page - Sony Corporation CXP88220 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
– 7 –
CXP88216/88220/88224
Data bus
Port B data
RD (Port B)
Port B tri-state
control
Port C
1 pin
8 pins
Hi-Z
Hi-Z
Hi-Z
PB0
to
PB7
PC3/RTO4
PC0
to
PC2
Port C
3 pins
1 pin
Hi-Z
PC3/RTO3
Port B
Data bus
RD (Port C)
PC3 direction
PC3
Input
protection
circuit
IP
(Every bit)
Data bus
RD (Port C)
RTO3
Data bus
RD (Port C)
PC4 direction
PC4
Input
protection
circuit
IP
(Every bit)
Data bus
RD (Port C)
RTO4
RTG interruption
control register bit 7
Tri-state control selection
RTO4
Data bus
RD (Port C)
Port C direction
Port C data
Input
protection
circuit
IP
(Every bit)
When reset
Pin
Circuit format


Similar Part No. - CXP88220

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88100A SONY-CXP88100A Datasheet
145Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP88132 SONY-CXP88132 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88140 SONY-CXP88140 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP88220

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com