Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS569 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS569
Description  Hall Latch - High Sensitivity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS569 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS569 Datasheet HTML 1Page - SEC Electronics Inc. SS569 Datasheet HTML 2Page - SEC Electronics Inc. SS569 Datasheet HTML 3Page - SEC Electronics Inc. SS569 Datasheet HTML 4Page - SEC Electronics Inc. SS569 Datasheet HTML 5Page - SEC Electronics Inc. SS569 Datasheet HTML 6Page - SEC Electronics Inc. SS569 Datasheet HTML 7Page - SEC Electronics Inc. SS569 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS569
Hall Latch - High Sensitivity
Packages
Features and Benefits
Wide operating voltage range from 2.5V to 24V
High magnetic sensitivity – Multi-purpose
CMOS technology
Low current consumption
Chopper-stabilized amplifier stage
Output driver with internal pull-up resistor
Superior temperature stability
Insensitive to physical stress
Tiny SOT23 3L or flat SIP 3L
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
both RoHS Compliant packages
 
Functional Block Diagram
Application Examples
Automotive, Consumer and Industrial
Solid-state switch
Brushless DC motor commutation
Speed detection
Angular position detection
Linear position detection
Proximity detection
 
General Description
The SS569 is a bipolar Hall effect sensor IC fabricated
from mixed signal CMOS technology. The device
integrates a voltage regulator, Hall sensor with dynamic
offset cancellation system, Schmitt trigger and an output
driver with internal pull-up resistor, all in a single
package.
It incorporates advanced chopper stabilization techniques to provide accurate and stable magnetic switch points. There
are many applications for this HED – Hall Electronic Device - in addition to those listed above. The design,
specifications and performance have been optimized for commutation applications in 5V and 12V brushless DC
motors.
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in
automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT) for surface mount process or in a Plastic Single In Line
(SIP 3L flat) for through- hole mount. Both 3-lead packages are RoHS compliant.
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND
 
1
V2.10
May 1, 2012


Similar Part No. - SS569

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS569ESOT SECELECTRONICS-SS569ESOT Datasheet
313Kb / 8P
   Hall Latch - High Sensitivity
SS569EUA SECELECTRONICS-SS569EUA Datasheet
313Kb / 8P
   Hall Latch - High Sensitivity
SS569KSOT SECELECTRONICS-SS569KSOT Datasheet
313Kb / 8P
   Hall Latch - High Sensitivity
SS569KUA SECELECTRONICS-SS569KUA Datasheet
313Kb / 8P
   Hall Latch - High Sensitivity
SS569LSOT SECELECTRONICS-SS569LSOT Datasheet
313Kb / 8P
   Hall Latch - High Sensitivity
More results

Similar Description - SS569

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
   Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com