Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP88460 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXP88460
Description  CMOS 8-bit Single Chip Microcomputer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88460 Datasheet(HTML) 4 Page - Sony Corporation

  CXP88460 Datasheet HTML 1Page - Sony Corporation CXP88460 Datasheet HTML 2Page - Sony Corporation CXP88460 Datasheet HTML 3Page - Sony Corporation CXP88460 Datasheet HTML 4Page - Sony Corporation CXP88460 Datasheet HTML 5Page - Sony Corporation CXP88460 Datasheet HTML 6Page - Sony Corporation CXP88460 Datasheet HTML 7Page - Sony Corporation CXP88460 Datasheet HTML 8Page - Sony Corporation CXP88460 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
– 4 –
CXP88452/88460
Pin Description
(Port A)
8-bit output port. Data is
gated with PPO contents
by OR-gate and they are
output.
(8 pins)
(Port B)
8-bit output port. Data is
gated with PPO contents
by OR-gate and they are
output.
(8 pins)
(Port C)
8-bit I/O port. I/O can be
set in a unit of single bits.
Data is gated with PPO or
RTO contents by OR-gate
and they are output.
(8 pins)
(Port D)
8-bit I/O port. I/O can be
set in a unit of single bits.
(8 pins)
(Port E)
8-bit port. Bits 2, 3, 4 and 5
are for inputs; bits 0, 1, 6
and 7 are for outputs.
(8 pins)
Programmable pattern generator (PPG)
output. Functions as high precision real-
time pulse output port.
(19 pins)
PB0 and PB2 can be tri-state controlled
with PPG.
Real-time pulse generator (RTG) output.
Functions as high precision real-time
pulse output port. PC3 can be tri-state
controlled with RTG.
(5 pins)
Input pin to request external interruption
and non-maskable interruption.
Remote control receiving circuit input pin.
14-bit PWM output pin.
Timer/counter, CTL duty detector, 32kHz
oscillation adjustment and servo amplifier
output pin.
Serial chip select (CH0) input pin.
Serial clock (CH0) I/O pin.
Serial data (CH0) output pin.
Serial data (CH0) input pin.
Serial clock (CH1) I/O pin.
Serial data (CH1) output pin.
Serial data (CH1) input pin.
Composite sync signal input pin.
External input pin for FRC capture unit.
(2 pins)
Symbol
I/O
Description
PA0/PPO0
to
PA7/PPO7
PB0/PPO8
to
PB7/PPO15
PC0/PPO16
to
PC2/PPO18
PC3/RTO3
to
PC7/RTO7
PD0/INT1/
NMI
PD1/RMC
PD2/PWM
PD3/TO
DDO/ADJ
SRVO
PD4/CS0
PD5/SCK0
PD6/SO0
PD7/SI0
PE0/SCK1
PE1/SO1
PE2/SI1
PE3/SYNC
PE4/EXI0
PE5/EXI1
PE6/PWM0/
DAA0
PE7/PWM1/
DAA1
PWM output pin.
(2 pins)
DA gate pulse
output pin.
(2 pins)
Output/
Real-time output
Output/
Real-time output
I/O/
Real-time output
I/O/
Real-time output
I/O/Input/Input
I/O/Input
I/O/Output
I/O/Output/Output/
Output/Output
I/O/Input
I/O/I/O
I/O/Output
I/O/Input
Output/I/O
Output/Output
Input/Input
Input/Input
Input/Input
Input/Input
Output/Output
Output/Output
Head switching output.


Similar Part No. - CXP88460

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88100A SONY-CXP88100A Datasheet
145Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP88132 SONY-CXP88132 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88140 SONY-CXP88140 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP88460

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com