Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74270011 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74270011
Description  WE-SAFB Small Size EMI Suppression Ferrite Bead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74270011 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74270011 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270011 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270011 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270011 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.0
3.0
REV
2012-09-27
2006-07-18
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SAFB Small Size EMI Suppression
Ferrite Bead
Order.- No.
74270011
SIZE
A4
D2 General Properties:
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Test cable
Test cable
Properties
Cable diameter
Material
Initial permeability
Curie temperature
Applicable cable
Applicable cable length
µi
TC
Value
≤1.4
3 W 800
800
140
AWG26
165
Unit
mm
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74270011

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
74270011 CREE-74270011 Datasheet
482Kb / 2P
   CREE Silicon Carbide MOSFET Evaluation Kit
More results

Similar Description - 74270011

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427002 WURTH-7427002 Datasheet
386Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
742700727 WURTH-742700727 Datasheet
382Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270012 WURTH-74270012 Datasheet
366Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270010 WURTH-74270010 Datasheet
381Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270014 WURTH-74270014 Datasheet
368Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
742700713 WURTH-742700713 Datasheet
395Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270073 WURTH-74270073 Datasheet
399Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270021 WURTH-74270021 Datasheet
384Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270071 WURTH-74270071 Datasheet
396Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270001 WURTH-74270001 Datasheet
376Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270024 WURTH-74270024 Datasheet
377Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com