Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

030-8614-020 Datasheet(PDF) 11 Page - ITT Industries

Part # 030-8614-020
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-8614-020 Datasheet(HTML) 11 Page - ITT Industries

Back Button 030-8614-020 Datasheet HTML 7Page - ITT Industries 030-8614-020 Datasheet HTML 8Page - ITT Industries 030-8614-020 Datasheet HTML 9Page - ITT Industries 030-8614-020 Datasheet HTML 10Page - ITT Industries 030-8614-020 Datasheet HTML 11Page - ITT Industries 030-8614-020 Datasheet HTML 12Page - ITT Industries 030-8614-020 Datasheet HTML 13Page - ITT Industries 030-8614-020 Datasheet HTML 14Page - ITT Industries 030-8614-020 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
No.
Contact arrangement
Service
Insulator position
Position
Special
Insulator weight
of
Contact size
rating
polarization (g)
Contacts
VG
CA
NV
W
X
Y
Z
including contacts
pin
socket
3
16-7
16-7
2
15
16
A0
80
110 250 280
––
16
25
1
100
8
4
16-9
2–
12
A0
35
110 250 325
––
13
20
2
16
3
16-10
16-10
25
12
A0
90
180 270 ––
17
24
2
16-11
12
A0
35
110 250 325
––
11
17
1
16-12
16-12
160
4
A
0
–––
––
24
28
2
16A11
16A11
25 (socket)
12
A0
35
110 250 325
––
11
17
25A (pin)
10
18-1
18-1
A (B, C,
15
16
F, G)
0–
70
145 –
290
––
24
37
Instr.
(all others)
2
18-3
12
D0
35
110 250 325
––
13
22
4
18-4
16
D0
35
110 250 325
––
19
30
3
18-5
2–
12
D0
80
110 250 280
––
15
25
1
16
1
18-6
4
D
0
–––
––
24
32
1
18-7
8
D
0
–––
––
16
25
8
18-8
1–
12
A0
70
––
290
––
18
30
7
16
7
18-9
2–
12
Instr.
0–
80
110 250 280
––
18
30
5
16
4–
18-10
A0
120 240 ––
13
22
12
5
18-11
18-11
A0
170 265 ––
31
40
25
12
CannonVG/CA-Bayonet
11
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
s
s
View on Mating
face of Pin Insulator
s
Attention: for all alternate positions of these contact arrangements a tendency to overmate can be stated.
It is within the customer’s responsibility to use these insert positions.


Similar Part No. - 030-8614-020

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-8614-020 ITT-030-8614-020 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 030-8614-020

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com